Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3060 Datasheet (PDF) - Analog Devices

LT3060 Datasheet PDF - Analog Devices
Part # LT3060
Download  LT3060 Download
File Size   1137.51 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator

LT3060 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3060 Datasheet PDF - Analog Devices

Part # LT3060
Download  LT3060 Click to download

File Size   1137.51 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator

LT3060 Datasheet (HTML) - Analog Devices


LT3060 Product details

FEATURES
Iput Voltage Rage: 1.6V to 45V
Output Curret: 100mA
Quiescet Curret: 40μA
Dropout Voltage: 300mV
Low oise: 30μVRMS (10Hz to 100kHz)
Adjustable Output: VREF = 600mV
Fixed Output Voltages: 1.2V, 1.5V, 1.8V, 2.5V, 3.3V,
5V, 15V
Output Tolerace: ±2% Over Lie, Load ad
Temperature
Sigle Capacitor Soft-Starts Referece ad Lowers
Output oise
Shutdow Curret: < 1μA
Reverse Battery Protectio
Curret Limit Foldback Protectio
Thermal Limit Protectio
8-Lead 2mm × 2mm × 0.75mm DF ad 8-Lead
ThiSOT™ Packages
AEC-Q100 Qualified for Automotive Applicatios




Similar Part No. - LT3060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3060 LINER-LT3060 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Linear Integrated Syste...
LT3060 LINEAR-LT3060 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT3060 LINEAR-LT3060 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
More results


Similar Description - LT3060

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
45V VIN, Micropower, Low Noise, 200mA LDO
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com