Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0030930 Datasheet (PDF) - Lapp.

0030930 Datasheet PDF - Lapp.
Part # 0030930
Download  0030930 Download
File Size   262.17 Kbytes
Page   5 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® FD CP (TP) plus

0030930 Datasheet (PDF)

Go To PDF Page Download Datasheet
0030930 Datasheet PDF - Lapp.

Part # 0030930
Download  0030930 Click to download

File Size   262.17 Kbytes
Page   5 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® FD CP (TP) plus

0030930 Datasheet (HTML) - Lapp.


0030930 Product details

Product features
Halogen-free, has low capacitance and is flexible down to -40°C
PUR outer sheath, tear and notch-resistant, resistant to mineral oils and abrasion when used in power chains
Low-adhesive surface, resistant to hydrolysis and microbes, oil resistant
Flame retardance: IEC 60332-1-2, VW-1, FT2
Designed for 10 million alternating bending cycles and horizontal travel distances up to 100 meter




Similar Part No. - 0030930

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
003092021 MOLEX1-003092021 Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
003092021-P MOLEX1-003092021-P Datasheet
218Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
More results


Similar Description - 0030930

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
0031320 LAPP-0031320 Datasheet
65Kb / 1P
UNITRONIC® Li2YCY (TP)
01.01.2019
0031350 LAPP-0031350 Datasheet
66Kb / 1P
UNITRONIC® Li2YCYv (TP)
18.10.2019
0032800 LAPP-0032800 Datasheet
64Kb / 1P
UNITRONIC® PUR CP
01.01.2019
0032850 LAPP-0032850 Datasheet
65Kb / 1P
UNITRONIC® PUR CP (TP)
01.01.2019
0035131 LAPP-0035131 Datasheet
66Kb / 1P
UNITRONIC® LiYCY (TP)
2021-04-06
0038302 LAPP-0038302 Datasheet
68Kb / 2P
UNITRONIC® LIHCH (TP)
2021-08-17
0066202 LAPP-0066202 Datasheet
66Kb / 1P
UNITRONIC® LiYCY (TP) A
27.03.2019
11139500 LAPP-11139500 Datasheet
87Kb / 2P
UNITRONIC® FD CP (TP) plus A
2021-12-17
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com