Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3462 Datasheet (PDF) - Analog Devices

LT3462 Datasheet PDF - Analog Devices
Part # LT3462
Download  LT3462 Download
File Size   474.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky

LT3462 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3462 Datasheet PDF - Analog Devices

Part # LT3462
Download  LT3462 Click to download

File Size   474.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky

LT3462 Datasheet (HTML) - Analog Devices


LT3462 Product details

FEATURES
Integrated Schottky Rectifier
Fixed Frequency 1.2MHz/2.7MHz Operation
Very Low Noise: 1mVP-P Output Ripple
Low VCESAT Switch: 270mV at 250mA
–5V at 100mA from 5V Input
–12V at 30mA from 3.3V Input
Low Input Bias Current GND Based FB Input
Low Impedance (40Ω) 1.265V Reference Output
High Output Voltage: Up to –38V
Wide Input Range: 2.5V to 16V
Uses Tiny Surface Mount Components
Low Shutdown Current: <10μA
Low Profile (1mm) SOT-23 (ThinSOT™) Package
8-Lead DFN (2mm × 2mm × 0.75mm) Package,
LT3462A Only




Similar Part No. - LT3462

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462AES6 LINER-LT3462AES6 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
More results


Similar Description - LT3462

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
Inverting Micropower DC/DC Converter with Schottky
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com