Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6654 Datasheet (PDF) - Analog Devices

LT6654 Datasheet PDF - Analog Devices
Part # LT6654
Download  LT6654 Download
File Size   1787.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Wide Supply High Output Drive Low Noise Reference

LT6654 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6654 Datasheet PDF - Analog Devices

Part # LT6654
Download  LT6654 Click to download

File Size   1787.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Wide Supply High Output Drive Low Noise Reference

LT6654 Datasheet (HTML) - Analog Devices


LT6654 Product details

FEATURES
Low Drift:
A-Grade: 10ppm/°C Max
B-Grade: 20ppm/°C Max
High Accuracy:
A-Grade: ±0.05% Max
B-Grade: ±0.10% Max
Low Noise: 1.6ppmP-P (0.1Hz to 10Hz)
Wide Supply Range to 36V
Low Thermal Hysteresis: LS8 15ppm (–40°C to 125°C)
Long Term Drift: (LS8) 15ppm/√kHr
Line Regulation (Up to 36V): 5ppm/V Max
Low Dropout Voltage: 100mV Max
Sinks and Sources ±10mA
Load Regulation at 10mA: 8ppm/mA Max
Fully Specified from –55°C to 125°C
Available Output Voltage Options: 1.25V, 2.048V,
2.5V, 3V, 3.3V, 4.096V, 5V
Low Profile (1mm) ThinSOT™ Package and 5mm ×
5mm Surface Mount Hermetic Package
AEC-Q100 Qualified for Automotive Applications




Similar Part No. - LT6654

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT6654 LINEAR-LT6654 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
LT6654 LINEAR-LT6654 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6654 LINEAR-LT6654 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
More results


Similar Description - LT6654

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6654 LINER-LT6654_12 Datasheet
3Mb / 22P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT6654 LINER-LT6654_15 Datasheet
953Kb / 22P
Precision Wide Supply High Output Drive Low Noise Reference
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com