Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8495 Datasheet (PDF) - Analog Devices

LT8495 Datasheet PDF - Analog Devices
Part # LT8495
Download  LT8495 Download
File Size   1303.16 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer

LT8495 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8495 Datasheet PDF - Analog Devices

Part # LT8495
Download  LT8495 Click to download

File Size   1303.16 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SEPIC/Boost Converter with 2A, 70V Switch, 9μA Quiescent Current, POR and Watchdog Timer

LT8495 Datasheet (HTML) - Analog Devices


LT8495 Product details

FEATURES
Wide Input Voltage Range of ~1V to 60V
(2.5V to 32V for Start-Up)
Low Ripple Burst Mode® Operation
9μA IQ at 12VIN to 5.0VOUT
Output Ripple (<10mV Typ.)
Dual Supply Pins:
Improves Efficiency
Reduces Minimum Supply Voltage to ~1V after
Start-Up to Extend Battery Life
Integrated 2A/70V Power Switch
Programmable Watchdog Timer Can Operate When
VIN Supply Is Removed
Programmable Power-On Reset Timer (POR) with
RST Functional for Input Supply Down to 1.3V
FMEA Fault Tolerant in TSSOP Package
Fixed Frequency PWM, SEPIC/BOOST/FLYBACK
Topologies
Programmable Switching Frequency:
250kHz to 1.5MHz
UVLO Programmable on SWEN and RSTIN Pins
Soft-Start Programmable with One Capacitor
Small 20-Lead QFN or 20-Lead TSSOP Packages




Similar Part No. - LT8495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8495 LINER-LT8495_15 Datasheet
1,005Kb / 34P
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
More results


Similar Description - LT8495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8495 LINER-LT8495_15 Datasheet
1,005Kb / 34P
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com