Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1727 Datasheet (PDF) - Analog Devices

LTC1727 Datasheet PDF - Analog Devices
Part # LTC1727
Download  LTC1727 Download
File Size   342.12 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages

LTC1727 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1727 Datasheet PDF - Analog Devices

Part # LTC1727
Download  LTC1727 Click to download

File Size   342.12 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages

LTC1727 Datasheet (HTML) - Analog Devices


LTC1727 Product details

FEATURES
Monitors Three Inputs Simultaneously
LTC1727-5: 5V, 3.3V and ADJ
LTC1727-2.5: 2.5V, 3.3V and ADJ
LTC1728-5: 5V, 3.3V and ADJ
LTC1728-2.5: 2.5V, 3.3V and ADJ
LTC1728-1.8: 3V, 1.8V and ADJ
LTC1728-3.3: 3.3V, 1.8V and ADJ
±1.5% Threshold Accuracy Over Temperature
Very Low Supply Current: 10μA Typ
200ms Reset Time Delay
Active Low RESET Output
Power Supply Glitch Immunity
Guaranteed RESET for VCC3 ≥ 1V
or VCC5/VCC25/VCC18 ≥ 1V
LTC1727 Includes Monitor Output for Each Supply
LTC1727: 8-Lead MSOP and SO Packages
LTC1728: 5-Lead SOT-23 Package




Similar Part No. - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1727 LINER-LTC1727 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC1727 LINER-LTC1727 Datasheet
156Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
More results


Similar Description - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com