Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO2907 Datasheet (PDF) - STMicroelectronics

SO2907 Datasheet PDF - STMicroelectronics
Part # SO2907
Download  SO2907 Download
File Size   39.92 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMALL SIGNAL PNP TRANSISTORS

SO2907 Datasheet (PDF)

Go To PDF Page Download Datasheet
SO2907 Datasheet PDF - STMicroelectronics

Part # SO2907
Download  SO2907 Click to download

File Size   39.92 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMALL SIGNAL PNP TRANSISTORS

SO2907 Datasheet (HTML) - STMicroelectronics


SO2907 Product details

SMALL SIGNAL PNP TRANSISTORS

■ SILICON EPITAXIAL PLANAR PNP TRANSISTORS
■ MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS
■ MEDIUM CURRENT AF AMPLIFICATION AND SWITCHING
■ NPN COMPLEMENTS ARE RESPECTIVELY SO2907 AND SO2907A




Similar Part No. - SO2907

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SO2040M200S SCHNEIDER-SO2040M200S Datasheet
101Kb / 2P
Homeline All In One combination service entrance device, ringed socket, no bypass, OH, 200 A, 10 kA, 20 spaces
Mar 30, 2020
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
SO2040VP SCHNEIDER-SO2040VP Datasheet
100Kb / 2P
ALL-IN-ONE RING T-SURFACE OH 200A VALUE PAC
Mar 30, 2020
logo
Lumins Inc.
SO20D LUMINIS-SO20D Datasheet
47Kb / 1P
Down light twin pole mount
logo
Willow Technologies Ltd
SO20L WILLOW-SO20L Datasheet
248Kb / 2P
SMT-Precision-R-Networks
More results


Similar Description - SO2907

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com