Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19.11.1052 Datasheet (PDF) - SECOMP International AG. All rights reserved.

19.11.1052 Datasheet PDF - SECOMP International AG. All rights reserved.
Part # 19.11.1052
Download  19.11.1052 Download
File Size   175.32 Kbytes
Page   1 Pages
Manufacturer  ROLINE [SECOMP International AG. All rights reserved.]
Direct Link  https://www.secomp-international.com/en/
Logo ROLINE - SECOMP International AG. All rights reserved.
Description ROLINE USB 2-Port Charger, 20W, USB-C(PD)USB-A(QC 3.0) white

19.11.1052 Datasheet (PDF)

Go To PDF Page Download Datasheet
19.11.1052 Datasheet PDF - SECOMP International AG. All rights reserved.

Part # 19.11.1052
Download  19.11.1052 Click to download

File Size   175.32 Kbytes
Page   1 Pages
Manufacturer  ROLINE [SECOMP International AG. All rights reserved.]
Direct Link  https://www.secomp-international.com/en/
Logo ROLINE - SECOMP International AG. All rights reserved.
Description ROLINE USB 2-Port Charger, 20W, USB-C(PD)USB-A(QC 3.0) white

19.11.1052 Datasheet (HTML) - SECOMP International AG. All rights reserved.


19.11.1052 Product details

Features:
 2-port charger supports max. 20W output
 It can charge 2 devices simultaneously
 Equipped with advanced PD 3.0 / QC 3.0 fast charging technology
 Input: AC 100 ~ 240V, 50/60Hz, 0.5A(Max.)
 Output: USB-C – DC 5V/3A, 9V/2.22A, 12V/1.67A (20W Max.)
 Output: USB-A – DC 3.6~6V/3A, 6~9V/2A, 9~12V/1.5A (18W Max.)
 Built-in safeguards protect your devies against over-heating, over-voltage,
short-circuit
 ABS casing in white color
 Operating Temperature: 0°C to 40°C
 Storage Temperature: -20°C to 80°C
 Operating Humidity: 20%~80% RH ( Non-condensing)
 Storage Humidity: 10%~90% RH (Non-condensing)




Similar Part No. - 19.11.1052

ManufacturerPart #DatasheetDescription
logo
SECOMP International AG...
19.11.1053 ROLINE-19.11.1053 Datasheet
167Kb / 1P
ROLINE USB PD GaN Charger, 100W, 2x USB-C, white
19.11.1054 ROLINE-19.11.1054 Datasheet
163Kb / 1P
ROLINE USB Charger, 38W, USB-C(PD)USB-A(QC) white
19.11.1055 ROLINE-19.11.1055 Datasheet
245Kb / 1P
ROLINE USB 6-Port Charger, USB-CUSB-A(QC)4xUSB-A 60W, white
More results


Similar Description - 19.11.1052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Tripp Lite. All Rights ...
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
logo
Tripp Lite. All Rights ...
U280-C02-30W-C6 TRIPPLITE-U280-C02-30W-C6 Datasheet
183Kb / 3P
Dual-Port USB Car Charger with 30W Charging - USB-C (18W) QC 3.0, USB-A (12W), Coiled 6 ft. (1.83 m) USB-C Cable, Black
U280-C02-39W-1B TRIPPLITE-U280-C02-39W-1B Datasheet
182Kb / 3P
Dual-Port USB Car Charger with 39W Charging - USB-C (27W) PD 3.0, USB-A (12W), Black
U280-C02-63W-1B TRIPPLITE-U280-C02-63W-1B Datasheet
189Kb / 3P
Dual-Port USB Car Charger, 63W Max - USB-C PD 3.0 Up to 60W, USB-A QC 3.0 Up to 18W
U280-C03-36W-1B TRIPPLITE-U280-C03-36W-1B Datasheet
183Kb / 3P
3-Port USB Car Charger, 36W Max - USB-C PD 3.0 Up to 18W, 2 USB-A QC 3.0 Up to 36W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com