Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADZS22112 Datasheet (PDF) - Panasonic Semiconductor

ADZS22112 Datasheet PDF - Panasonic Semiconductor
Part # ADZS22112
Download  ADZS22112 Download
File Size   256.64 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description IEC62055-31 UC3 compliant 1 Form A 90A power latching relays

ADZS22112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADZS22112 Datasheet PDF - Panasonic Semiconductor

Part # ADZS22112
Download  ADZS22112 Click to download

File Size   256.64 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description IEC62055-31 UC3 compliant 1 Form A 90A power latching relays

ADZS22112 Datasheet (HTML) - Panasonic Semiconductor


ADZS22112 Product details

FEATURES
1. IEC62055-31 UC3 compliant
2. High switching capacity
90 A 250 VAC (Resistive load)
3. Low operating power
1 coil latching: 1.5 W
2 coil latching: 3.0 W
4. Small size:
W: 38.5 x L: 30 x H: 17.5 mm
W: 1.516 x L: 1.181 x H: .689 inch

TYPICAL APPLICATIONS
1. Smart meters
2. Charge station
3. Time switch
4. Other industrial equipment




Similar Part No. - ADZS22112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADZS-120ANA-SAM AD-ADZS-120ANA-SAM Datasheet
516Kb / 28P
Analog 120-Pin Probing Board Manual an EZ-Extender® product
Revision 1.0, September 2013
ADZS-180PWM-SAM AD-ADZS-180PWM-SAM Datasheet
528Kb / 28P
PWM 180-Pin Probing Board Manual an EZ-Extender® product
Revision 1.0, September 2013
ADZS-21369-EZLITE AD-ADZS-21369-EZLITE Datasheet
1Mb / 94P
ADSP-21369 EZ-KIT Lite® Evaluation System Manual
Revision 2.4, July 2012
ADZS-BF537-STAMP AD-ADZS-BF537-STAMP Datasheet
3Mb / 107P
ADSP-BF537 EZ-KIT Lite® Evaluation System Manual
Revision 2.4, April 2008
ADZS-BF609-EZLITE AD-ADZS-BF609-EZLITE Datasheet
1Mb / 98P
ADSP-BF609 EZ-KIT Lite® Evaluation System Manual
Revision 1.0, March 2012
More results


Similar Description - ADZS22112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Hongfa Technology
HFE19-90 HONGFA-HFE19-90_17 Datasheet
99Kb / 4P
90A Latching relay
logo
Panasonic Semiconductor
ADJH21005 PANASONIC-ADJH21005 Datasheet
224Kb / 6P
Suitable for lighting and motor load, 1 Form A 50A latching relays
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com