Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2220C104BAGACTU Datasheet (PDF) - Kemet Corporation

C2220C104BAGACTU Datasheet PDF - Kemet Corporation
Part # C2220C104BAGACTU
Download  C2220C104BAGACTU Download
File Size   739.99 Kbytes
Page   22 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)

C2220C104BAGACTU Datasheet (PDF)

Go To PDF Page Download Datasheet
C2220C104BAGACTU Datasheet PDF - Kemet Corporation

Part # C2220C104BAGACTU
Download  C2220C104BAGACTU Click to download

File Size   739.99 Kbytes
Page   22 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)

C2220C104BAGACTU Datasheet (HTML) - Kemet Corporation


C2220C104BAGACTU Product details

Benefits
• −55°C to +125°C operating temperature range
• Lead (Pb)-free, RoHS, and REACH compliant
• EIA 0201, 0402, 0603, 0805, 1206, 1210, 1808, 1812, 1825,
2220, and 2225 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V, 200 V, and
250 V
• Capacitance offerings ranging from 0.5 pF up to 0.47 μF
• Available capacitance tolerances of ±0.10 pF, ±0.25 pF,
±0.5 pF, ±1%, ±2%, ±5%, ±10%, and ±20%
• No piezoelectric noise
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability




Similar Part No. - C2220C104BAGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C104BAGACTU KEMET-C2220C104BAGACTU Datasheet
1Mb / 21P
C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C104BAGACTU KEMET-C2220C104BAGACTU Datasheet
1Mb / 19P
C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Similar Description - C2220C104BAGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C104K5RACAUTO KEMET-C0805C104K5RACAUTO Datasheet
1Mb / 25P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com