Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQW414AX Datasheet (PDF) - Panasonic Semiconductor

AQW414AX Datasheet PDF - Panasonic Semiconductor
Part # AQW414AX
Download  AQW414AX Download
File Size   689.63 Kbytes
Page   14 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed DIP8-pin type of 400V load voltage

AQW414AX Datasheet (PDF)

Go To PDF Page Download Datasheet
AQW414AX Datasheet PDF - Panasonic Semiconductor

Part # AQW414AX
Download  AQW414AX Click to download

File Size   689.63 Kbytes
Page   14 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Normally closed DIP8-pin type of 400V load voltage

AQW414AX Datasheet (HTML) - Panasonic Semiconductor


AQW414AX Product details

FEATURES
Approx. 1/2 the space compared with the mounting
of Two 1 Form B PhotoMOS units
Applicable for 2 Form B use as well as two
independent 1 Form B use
Controls load currents up to 0.13 A with an input
current of 5 mA
High speed switching: operate time Typ. 0.46 ms
Extremely low closed-circuit offset voltages to
enable control of small analog signals without
distortion

TYPICAL APPLICATIONS
High-speed inspection machines
Telephone equipment
Computers
Sensing equipment




Similar Part No. - AQW414AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414A ETC2-AQW414A Datasheet
169Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
More results


Similar Description - AQW414AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
Normally closed DIP4-pin economic type with reinforced insulation Modem
AQW212 PANASONIC-AQW212 Datasheet
78Kb / 3P
Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
Normally closed 6-pin type of 400V load voltage Measuring instruments
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
Miniature SOP4-pin type of 60V/350V/400V load voltage
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7241-2A RENESAS-PS7241-2A_15 Datasheet
215Kb / 14P
8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
IXYS Corporation
CPC1219 IXYS-CPC1219 Datasheet
117Kb / 6P
Voltage-Controlled, Single-Pole, Normally Closed, 4-Pin SIP OptoMOS Relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com