Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MPLUSLPD4-PEVK Datasheet (PDF) - NXP Semiconductors

8MPLUSLPD4-PEVK Datasheet PDF - NXP Semiconductors
Part # 8MPLUSLPD4-PEVK
Download  8MPLUSLPD4-PEVK Download
File Size   4212.55 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 8M PLUS PEVK

8MPLUSLPD4-PEVK Datasheet (PDF)

Go To PDF Page Download Datasheet
8MPLUSLPD4-PEVK Datasheet PDF - NXP Semiconductors

Part # 8MPLUSLPD4-PEVK
Download  8MPLUSLPD4-PEVK Click to download

File Size   4212.55 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX 8M PLUS PEVK

8MPLUSLPD4-PEVK Datasheet (HTML) - NXP Semiconductors


8MPLUSLPD4-PEVK Product details


FEATURES
Compute Module:
• i.MX 8M Plus applications processor
with up to five cores:
– 4× Arm® Cortex®-A53
– 1× Arm® Cortex®-M7
• LPDDR4 32-bit, 6 GB
• eMMC 5.1, 32GB
• QSPI NOR flash, 32 MB
• Power Management IC (NXP
PCA9450C)
• Power monitor circuits
Base Board:
• MicroSD card connector
• Two Type-C connectors:
– Port0 is the only power supply port
– Port1 is a USB3.0 connector
• One USB3.0 Type-A connector
• Two 1 Gbit/s Ethernet
– Port0 supports 1 Gbit/s Ethernet
– Port1 supports 1 Gbit/s Ethernet
with TSN
• AW-CM276MA (NXP 88W8997):
– Wi-Fi®5 (802.11ac) 2 x 2 dual-band
(2.4/5GHz) and Bluetooth® 5.1
• Mini-SAS MIPI-DSI connector for display
• Two Mini-SAS LVDS connectors for display
• HDMI Type-A connector for display
• Two Mini-SAS MIPI-CSI connectors for
camera
• Two Female DB9 connectors for CAN
• USB-to-serial converter for debug and
power data acquisition
• 3.5 mm headset for audio




Similar Part No. - 8MPLUSLPD4-PEVK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8MPLUSLPD4-EVK NXP-8MPLUSLPD4-EVK Datasheet
12Mb / 5P
8MPLUSLPD4-EVK: Evaluation Kit for the i.MX8M Plus Applications Processor
2006-2021
More results


Similar Description - 8MPLUSLPD4-PEVK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MDQLQCEC NXP-IMX8MDQLQCEC Datasheet
1Mb / 97P
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
Rev. 0.1, 05/2018
IMX8MDQLQIEC NXP-IMX8MDQLQIEC Datasheet
1Mb / 97P
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
Rev. 0.1, 05/2018
logo
DFI Inc
M8M051 DFI-M8M051 Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
logo
Adlink Technology Inc.
LEC-IMX8M ADLINK-LEC-IMX8M Datasheet
416Kb / 3P
SMARC Short Size Module with NXP i.MX 8M
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
i.MX 8M Mini Applications Processor
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
BCM Advanced Research.
SMA-X8I BCM-SMA-X8I Datasheet
745Kb / 1P
NXP i.MX 8M Mini SMARC Module
2022/02/08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com