Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC2065L Datasheet (PDF) - Nexperia B.V. All rights reserved

PSC2065L Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSC2065L
Download  PSC2065L Download
File Size   249.03 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 20 A SiC Schottky diode in TO247 R2P

PSC2065L Datasheet (PDF)

Go To PDF Page Download Datasheet
PSC2065L Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSC2065L
Download  PSC2065L Click to download

File Size   249.03 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 20 A SiC Schottky diode in TO247 R2P

PSC2065L Datasheet (HTML) - Nexperia B.V. All rights reserved


PSC2065L Product details

General description
Nexperia introduces leading edge Silicon Carbide (SiC) Schottky diode for ultra high performance,
low loss, high efficiency power conversion applications. The SiC Schottky diode encapsulated
in a Real-2-Pin TO247 R2P (TO-247-2) through-hole power plastic package offers temperature
independent capacitive turn-off, zero recovery switching behavior combined with an outstanding
figure-of-merit (QC x VF). The Merged PiN Schottky (MPS) diode improves the robustness
expressed in a high IFSM.
Features and benefits
• Zero forward and reverse recovery
• Reduced system cost
• Temperature independent fast and smooth switching performance
• Outstanding figure of merit (Qc x VF)
• High IFSM capability
• High power density
• Reduced system costs
• System miniaturization
• Reduced EMI
Applications
• Switch mode power Supply (SMPS)
• AC-DC and DC-DC converter
• Battery charging infrastructure
• Server and telecom power supply
• Uninterruptible power supply (UPS)
• Photovoltaic inverters




Similar Part No. - PSC2065L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSC2065L NEXPERIA-PSC2065L Datasheet
247Kb / 9P
650 V, 20 A SiC Schottky diode in TO247 R2P applications
10 June 2024
More results


Similar Description - PSC2065L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-C40CP07L-M3 VISHAY-VS-C40CP07L-M3 Datasheet
137Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 2 x 20 A
16-Apr-2021
VS-C20ET07T-M3 VISHAY-VS-C20ET07T-M3 Datasheet
154Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 20 A
16-Apr-2021
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
LSIC2SD065E20CCA LITTELFUSE-LSIC2SD065E20CCA Datasheet
1,020Kb / 5P
LSIC2SD065E20CCA 650 V, 20 A SiC Schottky Barrier Diode
Revised: 03/04/19
logo
Vishay Siliconix
VS-C20ET07T-M3 VISHAY-VS-C20ET07T-M3_V01 Datasheet
155Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 20 A
16-Apr-2021
VS-3C20ET07T-M3 VISHAY-VS-3C20ET07T-M3 Datasheet
175Kb / 6P
650 V Power SiC Gen 3 Merged PIN Schottky Diode, 20 A
22-Feb-2023
logo
Nexperia B.V. All right...
PSC1065H NEXPERIA-PSC1065H Datasheet
177Kb / 7P
650 V, 10 A SiC Schottky diode in DPAK R2P
26 April 2023
PSC1065J NEXPERIA-PSC1065J Datasheet
180Kb / 7P
650 V, 10 A SiC Schottky diode in D2PAK R2P
26 April 2023
PSC1065K NEXPERIA-PSC1065K Datasheet
211Kb / 10P
650 V, 10 A SiC Schottky diode in TO-220-2 R2P
19 April 2023
PSC1065L NEXPERIA-PSC1065L Datasheet
148Kb / 6P
650 V, 10 A SiC Schottky diode in TO-247-2
26 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com