Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2270 Datasheet (PDF) - United Monolithic Semiconductors

CHV2270 Datasheet PDF - United Monolithic Semiconductors
Part # CHV2270
Download  CHV2270 Download
File Size   258.9 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description Fully Integrated Ku-band HBT VCO Low cost / High linearity

CHV2270 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHV2270 Datasheet PDF - United Monolithic Semiconductors

Part # CHV2270
Download  CHV2270 Click to download

File Size   258.9 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description Fully Integrated Ku-band HBT VCO Low cost / High linearity

CHV2270 Datasheet (HTML) - United Monolithic Semiconductors


CHV2270 Product details

Description
The CHV2270 is a multifunction for frequency generation. It integrates a C-band balanced voltage controlled oscillator providing a Ku-band output (2nd harmonic), with different modulation slopes control and other functions like linearity improvement device making it suitable for radar modulations. It also includes a dual rank prescaler, an adjustable medium power amplifier and a temperature sensor.

Main Features
■ -40°C to +125°C temperature range
■ Low temperature dependence
■ Fully integrated VCO architecture
■ Prescaler by up to F_out/128
■ Low phase noise
■ Low cost / high linearity oriented
■ Adjustable output power
■ Temperature sensor
■ Very simple bias configuration
■ Low DC power consumption
■ Automatic assembly oriented
■ SiNx layer protection
■ Chip size: 1.38 x 2.05 x 0.1mm




Similar Part No. - CHV2270

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2270 UMS-CHV2270 Datasheet
199Kb / 8P
Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
Fully Integrated Ku-band HBT VCO Low cost / High linearity
More results


Similar Description - CHV2270

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
Fully Integrated HBT K-band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
Fully Integrated HBT K-band VCO
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2270 UMS-CHV2270_15 Datasheet
199Kb / 8P
Fully Integrated Ku-band HBT VCO Low cost / High linearity
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
Fully Integrated HBT K-band VCO
CHV2412-QDG UMS-CHV2412-QDG_15 Datasheet
1Mb / 11P
Fully integrated HBT K-Band VCO
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
Fully Integrated HBT K-band VCO
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
Fully integrated HBT K-Band VCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com