Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV4 Datasheet (PDF) - E-SWITCH

ULV4 Datasheet PDF - E-SWITCH
Part # ULV4
Download  ULV4 Download
File Size   1145.62 Kbytes
Page   8 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description ULV4 Series Anti-vandal Switch

ULV4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ULV4 Datasheet PDF - E-SWITCH

Part # ULV4
Download  ULV4 Click to download

File Size   1145.62 Kbytes
Page   8 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description ULV4 Series Anti-vandal Switch

ULV4 Datasheet (HTML) - E-SWITCH


ULV4 Product details

Features & Benefits
•19mm diameter panel cutout
•Dot or ring or power illumination options available
•Multiple switch functions available
•Multiple illumination voltage options
•IP67 rated
•SPDT or DPDT
•UL Certified
•Custom graphics available
•Soldered wire leads (300mm long) optional
•Detachable socket w/ wire leads (500mm long) optional
•Molded back w/ wire leads (500mm long) optional




Similar Part No. - ULV4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
logo
RHOPOINT COMPONENTS
ULV400 RHOPOINT-ULV400 Datasheet
239Kb / 2P
ULV/ULH TYPE
logo
Unisonic Technologies
ULV4333 UTC-ULV4333 Datasheet
400Kb / 7P
MICRO-POWER , ZERO-DRIFT, RAIL-TO-RAIL INPUT/OUTPUT CMOS OPERATIONAL AMPLIFIERS
ULV4347 UTC-ULV4347 Datasheet
231Kb / 6P
MICROPOWER, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
E-SWITCH
ULV4F2 E-SWITCH-ULV4F2 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
More results


Similar Description - ULV4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com