Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0034F2 Datasheet (PDF) - Multicomp Pro

082-0034F2 Datasheet PDF - Multicomp Pro
Part # 082-0034F2
Download  082-0034F2 Download
File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth Finish – Grey

082-0034F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0034F2 Datasheet PDF - Multicomp Pro

Part # 082-0034F2
Download  082-0034F2 Click to download

File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting Smooth Finish – Grey

082-0034F2 Datasheet (HTML) - Multicomp Pro


082-0034F2 Product details

[Description]
Anti-static matting should be laid out in the workshops or advanced laboratories for
microelectronic industries such as electronic semi-conduct devices, electronic computers,
electronic communication equipment and integrated circuits etc.

[Features]
• Great value ESD Bench Matting
• Made from anti-static (conductive) and static-dissipative materials with synthetic rubber
• 2mm thick double-layer structure
• Surface layer is a 0.5mm thick static-dissipative layer
• Bottom layer is a 1.5mm conductive layer
• Asian origin
• Green and Blue colours also available
Grounding:
Sufficient ground cords should be used to reliably meet EN 61340-5-1 Table 3 less than 1 × 109 ohms for working surfaces.
Industry recommendation is that continuous runs of ESD matting should be grounded at 10ft intervals to allow proper charge
decay rates. Each individual ESD mat should be grounded with ground snaps located no further than five feet from either end.
Cleaning:
Please note that contact between the matting surface and any acid or alkali solvent is strictly prohibited (such as Benzene,
Alcohol etc), this will result in the antistatic performance wearing away. If cleaning is required, the matting may be wiped with a
cloth coated in a neutral solution (such as water).
Guidance on Use:
Matting materials have a tendency to shrink slightly when first unrolled. In applications where length is critical, allow the material
to relax for at least 4 hours before cutting to size. Matting should always be trimmed with a sharp knife or razor blade.
Cutting Tolerances:
Width ±6mm
Length ±6mm every linear foot of running material




Similar Part No. - 082-0034F2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0034F MULTICOMP-082-0034F Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish – Grey
14/07/22
082-0034F3 MULTICOMP-082-0034F3 Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish
05/08/22
082-0034F4 MULTICOMP-082-0034F4 Datasheet
196Kb / 2P
ESD Bench Matting Smooth Finish – Grey
05/08/22
More results


Similar Description - 082-0034F2

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
435-3803 CAMBION-435-3803 Datasheet
141Kb / 2P
Manual Bench Press
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0503H CUI-HSS-B20-0503H Datasheet
329Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
logo
Ledil, Inc.
FCA10328 LEDIL-FCA10328 Datasheet
952Kb / 4P
~15째 smooth spot beam optimized for CREE XR-E. Assembly with grey holder.
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com