Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0045 Datasheet (PDF) - Multicomp Pro

082-0045 Datasheet PDF - Multicomp Pro
Part # 082-0045
Download  082-0045 Download
File Size   189.69 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Conductive Matting

082-0045 Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0045 Datasheet PDF - Multicomp Pro

Part # 082-0045
Download  082-0045 Click to download

File Size   189.69 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Conductive Matting

082-0045 Datasheet (HTML) - Multicomp Pro


082-0045 Product details

[Description]
The product is a 0.9m ESD Conductive Mat with smooth finish. The mat with excellent heat or chemical resistance. Made from
conductive rubber and 2mm thick and layer structure.
Economy Matting Specification
Item Unit Value Test Method
Tensile Strength Width kg/X 105 KS 6518-91
Length - 114 -
Elongation Width % 380 -
Length - 370 -
Hardness Length HS 64 -
Tear Strength (B) Width kg/X 31 -
Length - 37 -
Temp. Resistance - °C Max 130 -
Surface Resistivity (RTT) Black Ω/sqm 10E3 - 10E6 ASTM D257
Static Decay (5,000 - 500V) - Second <0.01 FTS 101C




Similar Part No. - 082-0045

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0043 MULTICOMP-082-0043 Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish – Grey
05/08/22
082-0044 MULTICOMP-082-0044 Datasheet
195Kb / 2P
ESD Bench Matting Smooth Finish – Blue
05/08/22
More results


Similar Description - 082-0045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCP12AC ETC1-FCP12AC Datasheet
149Kb / 2P
Conductive Plastic
FFP12A ETC2-FFP12A Datasheet
21Kb / 1P
Conductive Plastic
logo
Bi technologies
P090L BITECH-P090L_12 Datasheet
70Kb / 3P
Conductive Plastic Element
logo
List of Unclassifed Man...
27305 ETC2-27305 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
logo
Grayhill, Inc
96AB2-102-FS-EL GRAYHILL-96AB2-102-FS-EL Datasheet
201Kb / 4P
Conductive Rubber
logo
List of Unclassifed Man...
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
Techsil Conductive Elastomer
logo
Laird Tech Smart Techno...
NCE250 LSTD-NCE250 Datasheet
398Kb / 1P
Non-conductive
logo
Anaren Microwave
PD6080J5050S2HF ANAREN-PD6080J5050S2HF Datasheet
368Kb / 5P
Non-conductive Surface
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
logo
Grayhill, Inc
96 GRAYHILL-96 Datasheet
691Kb / 4P
Conductive Rubber
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com