Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0201MP Datasheet (PDF) - Multicomp Pro

082-0201MP Datasheet PDF - Multicomp Pro
Part # 082-0201MP
Download  082-0201MP Download
File Size   281.89 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Mat

082-0201MP Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0201MP Datasheet PDF - Multicomp Pro

Part # 082-0201MP
Download  082-0201MP Click to download

File Size   281.89 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Mat

082-0201MP Datasheet (HTML) - Multicomp Pro


082-0201MP Product details

[Description]
Anti-static matting should be laid out in the workshops or advanced laboratories
for microelectronic industries such as electronic semi-conduct devices, electronic
computers, electronic communication equipment and integrated circuits etc.

[Features]
• Great value ESD Bench Matting with grounding cord and two 10mm studs to two corners
• Made from anti-static (conductive) and static-dissipative materials with synthetic rubber
• 2mm thick double-layer structure
• Surface layer is a 0.5mm thick static-dissipative layer
• Bottom layer is a 1.5mm conductive layer
• Blue and Green colours also available upon request
Construction Colours / Finish
Grounding
Sufficient ground cords should be used to reliably meet EN 61340-5-1 Table 3 less than 1 × 109 ohms for working surfaces.
Industry recommendation is that continuous runs of ESD matting should be grounded at 10ft intervals to allow proper charge
decay rates. Each individual ESD mat should be grounded with ground snaps located no further than five feet from either end.
Cleaning
Please note that contact between the matting surface and any acid or alkali solvent is strictly prohibited (such as Benzene,
Alcohol etc), this will result in the antistatic performance wearing away. If cleaning is required, the matting may be wiped with a
cloth coated in a neutral solution (such as water)..
Cutting Tolerances
Width + 6mm, Length + 6mm every linear foot of running material.
Guidance On Use
Matting materials have a tendency to shrink slightly when first unrolled. In applications where length is critical, allow the material
to relax for at least 4 hours before cutting to size. Matting should always be trimmed with a sharp knife or razor blade.




Similar Part No. - 082-0201MP

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0205MP MULTICOMP-082-0205MP Datasheet
215Kb / 2P
ESD Bench Mat
04/07/25
082-0206MP MULTICOMP-082-0206MP Datasheet
252Kb / 2P
ESD Bench Mat
04/07/25
082-0207MP MULTICOMP-082-0207MP Datasheet
275Kb / 2P
ESD Bench Mat
04/07/25
082-0208MP MULTICOMP-082-0208MP Datasheet
262Kb / 2P
ESD Bench Mat
04/07/25
More results


Similar Description - 082-0201MP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
Safety Mat/Safety Mat Controller
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
2059USA BERTECH-2059USA Datasheet
158Kb / 1P
ESD High Temperature Mats & Mat Kits (Made in USA)
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com