Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KJ7008 Datasheet (PDF) - Multicomp Pro

2KJ7008 Datasheet PDF - Multicomp Pro
Part # 2KJ7008
Download  2KJ7008 Download
File Size   812.96 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description P Channel MOSFET

2KJ7008 Datasheet (PDF)

Go To PDF Page Download Datasheet
2KJ7008 Datasheet PDF - Multicomp Pro

Part # 2KJ7008
Download  2KJ7008 Click to download

File Size   812.96 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description P Channel MOSFET

2KJ7008 Datasheet (HTML) - Multicomp Pro


2KJ7008 Product details

[Features]
• VDS = -40V
• ID = -13 A
• RDS(on) < 15mΩ @ VGS=-10V
• RDS(on) < 18mΩ @ VGS=-4.5V
• High density cell design for ultra low Rdson
• Fully characterized avalanche voltage and current
• Excellent package for good heat dissipation
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Parameter Symbol Rating Unit
Drain-Source Voltage VDS -40
V
Gate-Source Voltage VGS +20
Continuous Drain Current ID -13
A
Pulsed Drain Current IDM -50
Maximum Power Dissipation PD 2.5 W
Thermal Resistance, Junction- to-Ambient (Note 2) RθJA 50 °C/W
Junction Temperature TJ 150
°C
Junction Storage Temperature Range Tstg -55 to 150




Similar Part No. - 2KJ7008

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KJ007PDFN KEXIN-2KJ007PDFN Datasheet
525Kb / 5P
Dual P-channel MOSFET
2KJ6001 KEXIN-2KJ6001 Datasheet
257Kb / 4P
P-Channel Enhancement MOSFET
2KJ6002-3 KEXIN-2KJ6002-3 Datasheet
133Kb / 5P
P-Channel Enhancement MOSFET
2KJ6003DS-3 KEXIN-2KJ6003DS-3 Datasheet
177Kb / 4P
P-Channel MOSFET
2KJ6004-3 KEXIN-2KJ6004-3 Datasheet
276Kb / 4P
P-Channel MOSFET
More results


Similar Description - 2KJ7008

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com