Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KK5098DFN Datasheet (PDF) - Multicomp Pro

2KK5098DFN Datasheet PDF - Multicomp Pro
Part # 2KK5098DFN
Download  2KK5098DFN Download
File Size   930.43 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET

2KK5098DFN Datasheet (PDF)

Go To PDF Page Download Datasheet
2KK5098DFN Datasheet PDF - Multicomp Pro

Part # 2KK5098DFN
Download  2KK5098DFN Click to download

File Size   930.43 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET

2KK5098DFN Datasheet (HTML) - Multicomp Pro


2KK5098DFN Product details

[Features]
• VDS(V) = 80V
• ID = 23A
• RDS(on) (at VGS = 10V) < 34mΩ
• Packaging-PDFN5x6-8
Absolute Maximum Ratings (Tj = 25°C unless otherwise noted)
Parameter Symbol Rating Unit
Drain-Source Voltage VDS 80
V
Gate-Source Voltage VGS +20
TC = 25°C 23
Continuous Drain Current ID
TC = 100°C 15 A
Pulsed Drain Current (Note 1) IDM 92
Power Dissipation PD 32 W
Single Pulse Avalanche Energy (Note 2) EAS 20 mJ
Thermal Resistance.Junction- to-Ambient (Note 3) RθJA 50
°C/W
Thermal Resistance.Junction- to-Case (Note 3) RθJC 3.9
Junction Temperature TJ 150
°C
Storage Temperature Range Tstg -55 to 150




Similar Part No. - 2KK5098DFN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KK5003-3 KEXIN-2KK5003-3 Datasheet
269Kb / 4P
N-Channel Enhancement MOSFET
2KK5004-3 KEXIN-2KK5004-3 Datasheet
205Kb / 4P
N-Channel Enhancement MOSFET
2KK5006DS-3 KEXIN-2KK5006DS-3 Datasheet
202Kb / 4P
N-Channel Enhancement MOSFET
2KK5009 KEXIN-2KK5009 Datasheet
318Kb / 3P
N-Channel Enhancement MOSFET
2KK5012 KEXIN-2KK5012 Datasheet
284Kb / 5P
N-Channel MOSFET
More results


Similar Description - 2KK5098DFN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com