Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KK6015DFN Datasheet (PDF) - Multicomp Pro

2KK6015DFN Datasheet PDF - Multicomp Pro
Part # 2KK6015DFN
Download  2KK6015DFN Download
File Size   886.12 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET

2KK6015DFN Datasheet (PDF)

Go To PDF Page Download Datasheet
2KK6015DFN Datasheet PDF - Multicomp Pro

Part # 2KK6015DFN
Download  2KK6015DFN Click to download

File Size   886.12 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description N Channel MOSFET

2KK6015DFN Datasheet (HTML) - Multicomp Pro


2KK6015DFN Product details

[Features]
• VDS(V) = 150V
• ID = 70A
• RDS(on) 13mΩ (typ.) @ VGS = 10 V
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Parameter Symbol Rating Unit
Drain-Source Voltage VDS 150
V
Gate-Source Voltage VGS +20
TC = 25°C 70
Continuous Drain Current ID
TC = 100°C 49.5 A
Pulsed Drain Current IDM 280
Single Pulse Avalanche Energy (Note 1) EAS 583 mJ
Power Dissipation PD 150
W
Thermal Resistance, Junction- to-Case (Note 2) RθJC 0.83
Junction Temperature TJ 150
°C
Storage Temperature Range Tstg -55 to 150




Similar Part No. - 2KK6015DFN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KK6000DFN KEXIN-2KK6000DFN Datasheet
310Kb / 5P
N-Channel MOSFET
logo
Multicomp Pro
2KK6024 MULTICOMP-2KK6024 Datasheet
859Kb / 3P
N Channel MOSFET
23/07/24
2KK6040DFN MULTICOMP-2KK6040DFN Datasheet
965Kb / 5P
N Channel MOSFET
05/08/24
More results


Similar Description - 2KK6015DFN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com