Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2102 Datasheet (PDF) - Multicomp Pro

2N2102 Datasheet PDF - Multicomp Pro
Part # 2N2102
Download  2N2102 Download
File Size   199.76 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2102 Datasheet PDF - Multicomp Pro

Part # 2N2102
Download  2N2102 Click to download

File Size   199.76 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N2102 Datasheet (HTML) - Multicomp Pro


2N2102 Product details

[Description]
This is a Silicon NPN transistor in a TO-39 type case designed primarily for
amplifier and switching applications. This device features high breakdown
voltage low leakage current, low capacity, and beta useful over an extremely
wide current range.
Absolute Maximum Ratings:
Characteristic Symbol Rating
Collector-Base Voltage Vcbo 120V
Collector-Emitter Voltage Vceo 65V
Emitter - Base Voltage Vebo 7V
Continuous Collector Current Ic 1A
Total Device Dissipation (Tc = +25°C) Pd 800mW
Derate above 25°C 4.6mW/°C
Total Device Dissipation (Tc = +25°C) Pd 5W
Derate above 25°C 28.6mW/°C
Operating Junction Temperature Range Tj -65°C to +200°C
Storage Temperature Range Tstg -65°C to +200°C
Thermal Resistance, Junction-to-Case Rthjc 35°C/W
Thermal Resistance, Junction-to-Ambient Rthjc 175°C/W
Lead Temperature
Tl 300°C
(During Soldering, 1/16” from case, 60sec max.)
Electrical Characteristics: (Ta = +25ºC Unless otherwise specified)
Parameter Symbol Test Conditions Min. Max. Unit.
OFF Characteristics
Collector-Emitter Breakdown Voltage V(br)ceo Ic = 100mA, Ib = 0 65 -
Collector-Base Breakdown Voltage V(br)cbo Ic = 100µA, Ie = 0 120 - V
Emitter-Base Breakdown Voltage V(br)ebo Ie = 100µA, Ic = 0 7 -
Vcb = 60V, Ie = 0 - 0.002
Collector-Cut-Off Current Icbo
Vcb = 60V, Ie = 0, Ta = +150ºC - 2 µA
Emitter Cut-Off Current Iebo Vbe = 5V, Ic = 0 - 0.002
On Characteristics (Note 1)
Vce = 10V, Ic = 0.1mA 20 - -
DC Current Gain hfe Vce = 10V, Ic = 10mA 35 - -
Vce = 10V, Ic = 150mA 40 120 -




Similar Part No. - 2N2102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2102 STMICROELECTRONICS-2N2102 Datasheet
48Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Electronics
2N2102 MICRO-ELECTRONICS-2N2102 Datasheet
147Kb / 2P
COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
2N2102 SEME-LAB-2N2102 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N2102 NJSEMI-2N2102 Datasheet
153Kb / 1P
Diode TP-39
More results


Similar Description - 2N2102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com