Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3902 Datasheet (PDF) - Multicomp Pro

2N3902 Datasheet PDF - Multicomp Pro
Part # 2N3902
Download  2N3902 Download
File Size   246.73 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N3902 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3902 Datasheet PDF - Multicomp Pro

Part # 2N3902
Download  2N3902 Click to download

File Size   246.73 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Bipolar Transistor

2N3902 Datasheet (HTML) - Multicomp Pro


2N3902 Product details

[Description]
The 2N3902 is a silicon NPN transistor in a TO-3
NPN
type Package designed for use in high voltage
inverters, converters, switching regulators and
line Operated amplifiers.
Maximum Ratings:
Characteristic Symbol Rating Unit
Collector-Emitter Voltage V 700
CEX
Collector-Emitter Voltage V 400 V
CEO(sus)
Emitter Base Voltage V 5
EB
Collector Current -Continuous I 3.5
C
A
Peak Base Current I 2
B
Total Device Dissipation -(T = +75°C), 100 W
C P
Derate Above 95°C D 1.33 W/°C
Operating Junction Temperature Range T -65 to +150
J °C
Storage Temperature Range, T -65 to +200
stg
Thermal Resistance, Junction-to-Case R 0.75 °C/W
thJC
Maximum Lead temperature
T +275 °C
(During Soldering, 1/8" from case, 5sec) L
Electrical Characteristics: (T = +25°C Unless otherwise specified)
C
Parameter Symbol Test Conditions Min Max Unit
OFF Characteristics (Note 2)
Collector-Emitter Sustaining Voltage V l = 100mA, I = 0 325 - V
CEO(SUS) C B
Collector Cutoff Current I V = 400V, V = 0 0.25
CEO CE BE - mA
Emitter-Base Voltage I I = 100mA. l = 5V 5
EBO E C
ON Characteristics (Note 2)
DC Current Gain h V = 5V, l = 1A 30 90
FE CE C
Collector-Emitter Saturation Voltage V 2.5
CE(sat) l = 2.5A, l = 0.5A - V
Base-Emitter Saturation Voltage V C B 2
BE(sat)
Dynamic Characteristics
Current Gain-Bandwidth Product f V = 10V, l = 200mA, f = 1MHz 2.8 - MHz
T CE C




Similar Part No. - 2N3902

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3902 BOCA-2N3902 Datasheet
158Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTORS
logo
Seme LAB
2N3902 SEME-LAB-2N3902 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
79Kb / 1P
SI NPN POWER BJT, I(C) = 2.5A TO 4.9A
logo
Microsemi Corporation
2N3902 MICROSEMI-2N3902 Datasheet
60Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
95Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results


Similar Description - 2N3902

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com