Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51411GD8G Datasheet (PDF) - ON Semiconductor

CS51411GD8G Datasheet PDF - ON Semiconductor
Part # CS51411GD8G
Download  CS51411GD8G Download
File Size   706.82 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability

CS51411GD8G Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51411GD8G Datasheet PDF - ON Semiconductor

Part # CS51411GD8G
Download  CS51411GD8G Click to download

File Size   706.82 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability

CS51411GD8G Datasheet (HTML) - ON Semiconductor


CS51411GD8G Product details

The CS5141X products are 1.5 A buck regulator ICs. These devices are fixed-frequency operating at 260 kHz and 520 kHz. The regulators use the V2™ control architecture to provide unmatched transient response, the best overall regulation and the simplest loop compensation for todays high-speed logic. These products accommodate input voltages from 4.5 V to 40 V.

Features
• V2 Architecture Provides Ultrafast Transient Response, Improved Regulation and Simplified Design
• 2.0% Error Amp Reference Voltage Tolerance
• Switch Frequency Decrease of 4:1 in Short Circuit Conditions Reduces Short Circuit Power Dissipation
• BOOST Lead Allows “Bootstrapped” Operation to Maximize Efficiency
• Sync Function for Parallel Supply Operation or Noise Minimization
• Shutdown Lead Provides Power-Down Option
• 85 A Quiescent Current During Power-Down
• Thermal Shutdown
• Soft-Start
• Pin-Compatible with LT1375 and LT1376
• Pb-Free Packages are Available




Similar Part No. - CS51411GD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411GD8G ONSEMI-CS51411GD8G Datasheet
283Kb / 20P
Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results


Similar Description - CS51411GD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com