Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76-047 Datasheet (PDF) - Multicomp Pro

76-047 Datasheet PDF - Multicomp Pro
Part # 76-047
Download  76-047 Download
File Size   407.83 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Test Tip Probes

76-047 Datasheet (PDF)

Go To PDF Page Download Datasheet
76-047 Datasheet PDF - Multicomp Pro

Part # 76-047
Download  76-047 Click to download

File Size   407.83 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Test Tip Probes

76-047 Datasheet (HTML) - Multicomp Pro


76-047 Product details

[Description]
These products are 4mm banana tip probe to right angle 4mm male banana plug lead. It is used to
get safe probes or pincer clips from a DMM (Digital MultiMeter) with 4mm banana sockets on the
front face. It has electrical safety according to EN / IEC 61010-031:2008 :1000V CAT II/1000V CAT
III/600V CAT IV if the cap is set-up, reinforced insulation, up to 36A (at +40°C) depending on the
wire. The cap can be removed or set-up depending on the electrical environment. The design and the
material of lantern contact springs meet the need of low resistance and reliability. It also has double
jacket wire to offer a wire wear indicator. The lead features insulating grey tips on the 4mm banana
male connections to prevent accidental contact.




Similar Part No. - 76-047

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-004A MULTICOMP-76-004A Datasheet
198Kb / 1P
Test Lead Sets
16/07/24
76-005 MULTICOMP-76-005 Datasheet
358Kb / 1P
Connector Adapter
28/02/24 V1.0
76-0124 MULTICOMP-76-0124 Datasheet
173Kb / 1P
Alligator Clip
28/02/24
76-016 MULTICOMP-76-016 Datasheet
299Kb / 1P
4mm Golded Banana Jack Pin Connection
18/03/24
76-018 MULTICOMP-76-018 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
More results


Similar Description - 76-047

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
Schurter Inc.
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
TEST JACKS, TEST PROBES
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
List of Unclassifed Man...
AC283 ETC2-AC283 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
AC285 ETC2-AC285 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
Fluke Corporation
TP175 FLUKE-TP175 Datasheet
52Kb / 1P
TP175 TwistGuard™ Test Probes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com