Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2644-L10 Datasheet (PDF) - Analog Devices

LTC2644-L10 Datasheet PDF - Analog Devices
Part # LTC2644-L10
Download  LTC2644-L10 Download
File Size   767.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/°C Reference

LTC2644-L10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2644-L10 Datasheet PDF - Analog Devices

Part # LTC2644-L10
Download  LTC2644-L10 Click to download

File Size   767.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/°C Reference

LTC2644-L10 Datasheet (HTML) - Analog Devices


LTC2644-L10 Product details

FEATURES
No Latency PWM-to-Voltage Conversion
Voltage Output Updates and Settles within 8μs
100kHz to 30Hz PWM Input Frequency
±2.5LSB Max INL; ±1LSB Max DNL (LTC2644-12)
Guaranteed Monotonic
Pin-Selectable Internal or External Reference
2.7V to 5.5V Supply Range
1.71V to 5.5V Input Voltage Range
Low Power: 2.7mA at 3V, <1μA Power-Down
Guaranteed Operation from –40°C to 125°C
12-Lead MSOP Package




Similar Part No. - LTC2644-L10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2644 LINER-LTC2644 Datasheet
758Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2644 AD-LTC2644 Datasheet
600Kb / 20P
Dual PWM DACs Reference
11/18-REV.B
logo
Linear Technology
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
More results


Similar Description - LTC2644-L10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645_15 Datasheet
751Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com