Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2875 Datasheet (PDF) - Analog Devices

LTC2875 Datasheet PDF - Analog Devices
Part # LTC2875
Download  LTC2875 Download
File Size   820.13 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN FD Transceiver

LTC2875 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2875 Datasheet PDF - Analog Devices

Part # LTC2875
Download  LTC2875 Click to download

File Size   820.13 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN FD Transceiver

LTC2875 Datasheet (HTML) - Analog Devices


LTC2875 Product details

FEATURES
Protected from Overvoltage Line Faults to ±60V
3.3V or 5V Supply Voltage
High Speed CAFD OperatioUp to 4Mbps
±25kV ESD Interface Pins, ±8kV All Other Pins
Variable Slew Rate Driver with Active Symmetry
Control and SPLIT Pifor Low Electromagnetic
Emissio(EME)
Extended CommoMode Range (±36V)
Ideal Passive Behavior to CABus with Supply Off
Current Limited Drivers and Thermal Shutdown
Power-Up/DowGlitch-Free Driver Outputs
Micropower ShutdowMode
Transmit Data (TXD) Dominant Timeout Function
ISO 11898-2 and CAFD Compliant
DeviceNet Compatible
Up to MP-Grade Available (–55°C to 125°C)
3mm × 3mm 8-Lead DFand SO-8 Packages




Similar Part No. - LTC2875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2875 LINER-LTC2875 Datasheet
242Kb / 4P
짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
LTC2875 LINER-LTC2875_15 Datasheet
302Kb / 20P
60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN Transceiver
More results


Similar Description - LTC2875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2875 LINER-LTC2875_15 Datasheet
302Kb / 20P
60V Fault Protected 3.3V or 5V 25kV ESD High Speed CAN Transceiver
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
logo
Linear Technology
LTC2875 LINER-LTC2875 Datasheet
242Kb / 4P
짹60V Fault Protected 3.3V or 5V High Speed CAN Transceiver
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com