Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2919 Datasheet (PDF) - Analog Devices

LTC2919 Datasheet PDF - Analog Devices
Part # LTC2919
Download  LTC2919 Download
File Size   559.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Triple/Dual Input UV, OV and Negative Voltage Monitor

LTC2919 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2919 Datasheet PDF - Analog Devices

Part # LTC2919
Download  LTC2919 Click to download

File Size   559.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Triple/Dual Input UV, OV and Negative Voltage Monitor

LTC2919 Datasheet (HTML) - Analog Devices


LTC2919 Product details

FEATURES
Two Low Voltage Adjustable Inputs (0.5V)
Accurate UVLO Provides a Third Monitor Input
Open-Drain RST, OUT1 and OUT2 Outputs
Pin Selectable Input Polarity Allows Negative, UV
and OV Monitoring
Guaranteed Threshold Accuracy: ±1.5%
6.5V Shunt Regulator for High Voltage Operation
Low 50μA Quiescent Current
Buffered 1V Reference for Negative Supply Offset
Input Glitch Rejection
Adjustable Reset Timeout Period
Selectable Internal Timeout Saves Components
Outputs Guaranteed Low with VCC = 0.5V
Space Saving 10-Lead 3mm × 2mm DFN and MSOP
Packages
AEC-Q100 Qualified for Automotive Applications




Similar Part No. - LTC2919

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919 Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2919CDDB-2.5-PBF LINER-LTC2919CDDB-2.5-PBF Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2919CDDB-2.5-TRPBF LINER-LTC2919CDDB-2.5-TRPBF Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2919CDDB-3.3-PBF LINER-LTC2919CDDB-3.3-PBF Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2919CDDB-3.3-TRPBF LINER-LTC2919CDDB-3.3-TRPBF Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
More results


Similar Description - LTC2919

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2919 LINER-LTC2919 Datasheet
200Kb / 16P
Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
Dual UV/OV Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com