Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2986 Datasheet (PDF) - Analog Devices

LTC2986 Datasheet PDF - Analog Devices
Part # LTC2986
Download  LTC2986 Download
File Size   906.29 Kbytes
Page   90 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM

LTC2986 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2986 Datasheet PDF - Analog Devices

Part # LTC2986
Download  LTC2986 Click to download

File Size   906.29 Kbytes
Page   90 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM

LTC2986 Datasheet (HTML) - Analog Devices


LTC2986 Product details

FEATURES
Directly Digitizes 2-, 3- or 4-Wire RTDs,
Thermocouples, Thermistors, and Diodes
On-Chip EEPROM (LTC2986-1) Stores Cha el
Configuration Data and Custom Coefficients
Single 2.85V to 5.25V Supply
10 Flexible Inputs Allow Interchanging Sensors
Automatic Thermocouple Cold Junction Compensation
Built-In Standard and User-Programmable Coefficients
for Thermocouples, RTDs and Thermistors
Measures Negative Thermocouple Voltages
Automatic Burn Out, Short-Circuit and Fault Detection
Buffered Inputs Allow External Protection
Simultaneous 50Hz/60Hz Rejection
Includes 15ppm/°C (Max) Reference
Includes Special Protection Modes




Similar Part No. - LTC2986

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
Input Protected Universal Temperature Measurement System on a Chip
logo
Analog Devices
LTC2986 AD-LTC2986 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2986 AD-LTC2986 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
logo
Linear Technology
LTC2986-1 LINER-LTC2986-1 Datasheet
2Mb / 22P
Digital Temperature Measurement System
logo
Analog Devices
LTC2986-1 AD-LTC2986-1 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results


Similar Description - LTC2986

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2984 LINER-LTC2984_15 Datasheet
809Kb / 78P
Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
High Accuracy Digital Temperature Sensor IC
logo
TE Connectivity Ltd
MS5561C TEC-MS5561C Datasheet
492Kb / 21P
High accuracy temperature measurement
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2984 LINER-LTC2984 Datasheet
3Mb / 22P
Digital Temperature Measurement System
LTC2986-1 LINER-LTC2986-1 Datasheet
2Mb / 22P
Digital Temperature Measurement System
logo
Analog Devices
LTM2985 AD-LTM2985 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com