Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3112 Datasheet (PDF) - Analog Devices

LTC3112 Datasheet PDF - Analog Devices
Part # LTC3112
Download  LTC3112 Download
File Size   638.24 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V, 2.5A Synchronous Buck-Boost DC/DC Converter

LTC3112 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3112 Datasheet PDF - Analog Devices

Part # LTC3112
Download  LTC3112 Click to download

File Size   638.24 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V, 2.5A Synchronous Buck-Boost DC/DC Converter

LTC3112 Datasheet (HTML) - Analog Devices


LTC3112 Product details

FEATURES
Regulated Output with VI Above, Below or Equal to VOUT
2.7V to 15V I put Voltage Ra ge
2.5V to 14V Output Voltage Ra ge
2.5A Co ti uous Output Curre t: VI ≥ 5V,
VOUT = 5V, PWM Mode
Output Curre t Mo itor
Up to 95% Efficie cy
750kHz Switchi g Freque cy, Sy chro izable
Betwee 300kHz a d 1.5MHz
I ter al -Cha el MOSFETs
Selectable Burst Mode® Operatio , IQ = 50μA
Shutdow Curre t < 1μA
Overvoltage Protectio
Output Disco ect i Shutdow
I ter al Soft-Start
Small, Thermally E ha ced 16-Lead (4mm × 5mm ×
0.75mm) DF a d 20-Lead TSSOP Package




Similar Part No. - LTC3112

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3112 LINER-LTC3112 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
logo
Analog Devices
LTC3112 AD-LTC3112 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
LTC3112 AD-LTC3112 Datasheet
2Mb / 36P
26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
LTC3112 AD-LTC3112 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
LTC3112 AD-LTC3112 Datasheet
736Kb / 10P
USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
Rev. A
More results


Similar Description - LTC3112

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com