Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3336-2 Datasheet (PDF) - Analog Devices

LTC3336-2 Datasheet PDF - Analog Devices
Part # LTC3336-2
Download  LTC3336-2 Download
File Size   3253.82 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current

LTC3336-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3336-2 Datasheet PDF - Analog Devices

Part # LTC3336-2
Download  LTC3336-2 Click to download

File Size   3253.82 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current

LTC3336-2 Datasheet (HTML) - Analog Devices


LTC3336-2 Product details

FEATURES
I put Voltage Ra ge: 2.5V to 15V
Output Curre t: Up to 250mA
IVI = 65 A (I Regulatio , o Load)
Output Voltage Ra ge: 1.2V to 5V
16 Fixed Output Voltages Programmed via
4 Pi ‑Strapped I puts
4 Peak VI Curre ts Programmed via 2 Pi -
Strapped I puts (10mA/30mA/100mA/300mA)
Low IQ Dropout Mode
Power Good (PGOOD) Output
12-Lead 2mm × 2mm LQF a d 12-Ball 1.18mm ×
1.62mm Chip Scale (WLCSP) Packages




Similar Part No. - LTC3336-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3336 AD-LTC3336 Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
LTC3336EV#TRPBF AD-LTC3336EV#TRPBF Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
More results


Similar Description - LTC3336-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3331 LINER-LTC3331_15 Datasheet
480Kb / 34P
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
LTC3335 LINER-LTC3335_15 Datasheet
467Kb / 28P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3335 LINER-LTC3335 Datasheet
1Mb / 22P
Nanopower Buck-Boost DC/DC with Integrated Coulomb Counter
logo
Analog Devices
LTC3336 AD-LTC3336 Datasheet
1Mb / 22P
15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com