Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3412 Datasheet (PDF) - Analog Devices

LTC3412 Datasheet PDF - Analog Devices
Part # LTC3412
Download  LTC3412 Download
File Size   339.47 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator

LTC3412 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3412 Datasheet PDF - Analog Devices

Part # LTC3412
Download  LTC3412 Click to download

File Size   339.47 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator

LTC3412 Datasheet (HTML) - Analog Devices


LTC3412 Product details

FEATURES
■ High Efficiency: Up to 95%
■ 2.5A Output Current
■ Low Quiescent Current: 62μA
■ Low RDS(ON) Internal Switches: 85mΩ
■ Programmable Frequency: 300kHz to 4MHz
■ No Schottky Diode Required
■ ±2% Output Voltage Accuracy
■ 0.8V Reference Allows Low Output Voltage
■ Selectable Forced Continuous/Burst Mode Operation
with Adjustable Burst Clamp
■ Synchronizable Switching Frequency
■ Low Dropout Operation: 100% Duty Cycle
■ Power Good Output Voltage Monitor
■ Overtemperature Protection
■ Available in 16-Lead Thermally Enhanced TSSOP
and QFN Packages




Similar Part No. - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
287Kb / 28P
Step-Down Switching Regulator
More results


Similar Description - LTC3412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com