Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3634 Datasheet (PDF) - Analog Devices

LTC3634 Datasheet PDF - Analog Devices
Part # LTC3634
Download  LTC3634 Download
File Size   455.45 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V Dual 3A Monolithic Step-Down Regulator for DDR Power

LTC3634 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3634 Datasheet PDF - Analog Devices

Part # LTC3634
Download  LTC3634 Click to download

File Size   455.45 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15V Dual 3A Monolithic Step-Down Regulator for DDR Power

LTC3634 Datasheet (HTML) - Analog Devices


LTC3634 Product details

FEATURES
3.6V to 15V Input Voltage Range
±3A Output Current per Cha el
Up to 95% Efficiency
Selectable 90°/180° Phase Shift Between Cha els
Adjustable Switching Frequency: 500kHz to 4MHz
VTTR = VDDQ/2 = VTT Reference
±1.6% Accurate VTTR at 0.75V
Optimal VOUT Range: 0.6V to 3V
±10mA Buffered Output Supplies VREF Reference Voltage
Current Mode Operation for Excellent Line and Load
Transient Response
External Clock Synchronization
Short-Circuit Protected
Input Overvoltage and Overtemperature Protection
Power Good Status Outputs
Available in (4mm × 5mm) QFN-28 and Thermally
Enhanced 28-Lead TSSOP Packages




Similar Part No. - LTC3634

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3634 LINER-LTC3634 Datasheet
186Kb / 8P
15V Dual 3A Monolithic Step-Down Regulator Board for DDR Power
LTC3634 LINER-LTC3634_15 Datasheet
363Kb / 28P
15V Dual 3A Monolithic Step-Down Regulator for DDR Power
More results


Similar Description - LTC3634

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3634 LINER-LTC3634_15 Datasheet
363Kb / 28P
15V Dual 3A Monolithic Step-Down Regulator for DDR Power
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3617EUDD LINER-LTC3617EUDD Datasheet
212Kb / 6P
짹6A Monolithic Step-Down Regulator for DDR Termination
LTC3634 LINER-LTC3634 Datasheet
186Kb / 8P
15V Dual 3A Monolithic Step-Down Regulator Board for DDR Power
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com