Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3622-23/5 Datasheet (PDF) - Analog Devices

LTC3622-23/5 Datasheet PDF - Analog Devices
Part # LTC3622-23/5
Download  LTC3622-23/5 Download
File Size   1265.26 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current

LTC3622-23/5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3622-23/5 Datasheet PDF - Analog Devices

Part # LTC3622-23/5
Download  LTC3622-23/5 Click to download

File Size   1265.26 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current

LTC3622-23/5 Datasheet (HTML) - Analog Devices


LTC3622-23/5 Product details

FEATURES
Dual Step-Down Outputs: 1A Per Cha el
Wide VIN Range: 2.7V to 17V
Wide VOUT Range: 0.6V to VIN
Up to 95% Efficiency
No-Load IQ = 5μA with Both Cha els Enabled;
IQ < 4μA with Only One Cha el Enabled
High Efficiency, Low Dropout Operation
(100% Duty Cycle)
Constant Frequency (1MHz/2.25MHz) with External
Frequency Synchronization
±1% Output Voltage Accuracy
Current Mode Operation for Excellent Line and Load
Transient Response
Phase Shift Programmable with External Clock
Selectable Current Limit
Internal Compensation and Soft-Start
Compact 14-Pin DFN (3mm × 4mm) and 16-Lead
MSOP Packages




Similar Part No. - LTC3622-23/5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3622-23 LINER-LTC3622-23 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3622-23 AD-LTC3622-23 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Similar Description - LTC3622-23/5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com