Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3856 Datasheet (PDF) - Analog Devices

LTC3856 Datasheet PDF - Analog Devices
Part # LTC3856
Download  LTC3856 Download
File Size   826.85 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Phase Synchronous Step-Down DC/DC Controller with Diffamp

LTC3856 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3856 Datasheet PDF - Analog Devices

Part # LTC3856
Download  LTC3856 Click to download

File Size   826.85 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Phase Synchronous Step-Down DC/DC Controller with Diffamp

LTC3856 Datasheet (HTML) - Analog Devices


LTC3856 Product details

Features
PolyPhase® Controller Reduces Input and Output
Capacitance and Power Supply Induced Noise
Wide VI Range: 4.5V to 38V Operation
±0.75%, 0.6V Reference Voltage Accuracy
High Efficiency: Up to 95%
Programmable Burst Mode® Operatio or
Stage Shedding™ for Highest Light Load Efficiency
Active Voltage Positioning (AVP)
RSENSE or DCR Current Sensing
Programmable DCR Temperature Compensation
Phase-Lockable Fixed Frequency: 250kHz to 770kHz
True Remote Sense Differential Amplifier
Dual N-Channel MOSFET Synchronous Drive
VOUT Range: 0.6V to 5V without Differential Amplifier
VOUT Range: 0.6V to 3.3V with Differential Amplifier
Adjustable Soft-Start or VOUT Tracking
Stackable for Up to 12-Phase Operation
32-Pi (5mm × 5mm) QF and 38-Pi TSSOP Packages




Similar Part No. - LTC3856

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3856 LINER-LTC3856 Datasheet
349Kb / 30P
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3856 LINER-LTC3856 Datasheet
398Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3856 LINER-LTC3856 Datasheet
721Kb / 54P
Dual, Fast, Accurate Step-Down DC/DC Controller
More results


Similar Description - LTC3856

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com