Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6801 Datasheet (PDF) - Analog Devices

LTC6801 Datasheet PDF - Analog Devices
Part # LTC6801
Download  LTC6801 Download
File Size   1006.61 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Independent Multicell Battery Stack Fault Monitor

LTC6801 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6801 Datasheet PDF - Analog Devices

Part # LTC6801
Download  LTC6801 Click to download

File Size   1006.61 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Independent Multicell Battery Stack Fault Monitor

LTC6801 Datasheet (HTML) - Analog Devices


LTC6801 Product details

FEATURES
Qualified for Automotive Applications
Monitors Up to 12 Li-Io Cells i Series (60V Max)
Stackable Architecture Enables > 1000V Systems
1% Maximum Overvoltage Detectio Level Error
Adjustable Overvoltage and Undervoltage Detection
Self Test Features Guarantee Accuracy
Robust Fault Detectio Using Differential Signals
Simple Pin-Strapped Configuratio Allows Battery
Monitoring without a Microcontroller
15.5ms to Monitor All Cells i a System
Programmable Response Time
Two Temperature Monitor Inputs
Low Power Idle Mode
36-Lead SSOP Package




Similar Part No. - LTC6801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801 Datasheet
405Kb / 40P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801 Datasheet
750Kb / 44P
High Effciency Bidirectional Multicell Battery Balancer
LTC6801IG LINER-LTC6801IG Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6801IGPBF LINER-LTC6801IGPBF Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
More results


Similar Description - LTC6801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
Independent Multicell Battery Stack Fault Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com