Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7810 Datasheet (PDF) - Analog Devices

LTC7810 Datasheet PDF - Analog Devices
Part # LTC7810
Download  LTC7810 Download
File Size   3928.27 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller

LTC7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7810 Datasheet PDF - Analog Devices

Part # LTC7810
Download  LTC7810 Click to download

File Size   3928.27 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller

LTC7810 Datasheet (HTML) - Analog Devices


LTC7810 Product details

FEATURES
Wide VI Range: 4.5V to 140V (150V Abs Max)
Wide Output Voltage Range: 1V ≤ VOUT ≤ 60V
Low Operating IQ: 16μA (48VI to 12VOUT and 3.3VOUT)
Adjustable Gate Drive Level Up to 10V
Optional Spread Spectrum Operation
Very Low Dropout: 100% Duty Cycle Operation
Low IQ i Dropout: 78μA (One Channel On)
RSENSE or Inductor DCR Current Sensing
Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
Phase-Lockable Frequency (75kHz to 720kHz)
Programmable Fixed Frequency (50kHz to 750kHz)
Selectable Continuous, Pulse-Skipping, or Low Ripple
Burst Mode® Operatio at Light Loads
Onboard LDO or External NMOS LDO for DRVCC
EXTVCC LDO Powers Drivers from VOUT
Programmable Input Overvoltage Lockout
48-Lead (7mm × 7mm) eLQFP Package
AEC-Q100 Qualified for Automotive Applications




Similar Part No. - LTC7810

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7810 LINER-LTC7810 Datasheet
543Kb / 40P
150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC7810ELXE AD-LTC7810ELXE Datasheet
687Kb / 10P
High Input Voltage Dual Output Synchronous Buck Converter
Rev A
More results


Similar Description - LTC7810

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC7810 LINER-LTC7810 Datasheet
543Kb / 40P
150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com