Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13100A Datasheet (PDF) - Infinite Electronics International, Inc.

13100A Datasheet PDF - Infinite Electronics International, Inc.
Part # 13100A
Download  13100A Download
File Size   498.11 Kbytes
Page   7 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Power-assisted compression tools

13100A Datasheet (PDF)

Go To PDF Page Download Datasheet
13100A Datasheet PDF - Infinite Electronics International, Inc.

Part # 13100A
Download  13100A Click to download

File Size   498.11 Kbytes
Page   7 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Power-assisted compression tools

13100A Datasheet (HTML) - Infinite Electronics International, Inc.


13100A Product details

Li inline 6-ton closed crimp tool
• Designed with a rotating 180° head and
integrated LED work lights, offering more
maneuverability in tight spaces, while still
providing 6 tons of parallel-action crimping force
• Designed for one-handed control ram
advancement and retraction with a rapid advance
feature that decreases crimp time
• Accepts W-style dies
• Works with MAKITA LXT 18 V
lithium-ion batteries‡




Similar Part No. - 13100A

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
13100 TURCK-13100 Datasheet
151Kb / 2P
Inductive Sensor
11/07/2023
logo
Heyco.
13100 HEYCO-13100 Datasheet
94Kb / 1P
Nytye® Nylon Cable Ties
13100 HEYCO-13100 Datasheet
105Kb / 1P
Nytye® Nylon Cable Ties
logo
CEE Norm UK Ltd
13100 CEENORM-13100 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1310000000 ETC2-1310000000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 13100A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
Crimping tools
logo
AVAGO TECHNOLOGIES LIMI...
ASLM-5829 AVAGO-ASLM-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5822 AVAGO-ASML-5822_15 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
Extraction Tools
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5829 AVAGO-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
FLARING TOOLS
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5829 BOARDCOM-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Murata Manufacturing Co...
SCA11H MURATA-SCA11H Datasheet
553Kb / 11P
Hospitals, elderly care, assisted living
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com