Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4088FBD208 Datasheet (PDF) - NXP Semiconductors

LPC4088FBD208 Datasheet PDF - NXP Semiconductors
Part # LPC4088FBD208
Download  LPC4088FBD208 Download
File Size   2588.93 Kbytes
Page   138 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 MCU; up to 512 kB flash

LPC4088FBD208 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC4088FBD208 Datasheet PDF - NXP Semiconductors

Part # LPC4088FBD208
Download  LPC4088FBD208 Click to download

File Size   2588.93 Kbytes
Page   138 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 MCU; up to 512 kB flash

LPC4088FBD208 Datasheet (HTML) - NXP Semiconductors


LPC4088FBD208 Product details

General description
The LPC408x/7x is an ARM Cortex-M4 based digital signal controller for embedded
applications requiring a high level of integration and low power dissipation.
The ARM Cortex-M4 is a next generation core that offers system enhancements such as
low power consumption, enhanced debug features, and a high level of support block
integration. The ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard
architecture with separate local instruction and data buses as well as a third bus for
peripherals, and includes an internal prefetch unit that supports speculative branching.
The ARM Cortex-M4 supports single-cycle digital signal processing and SIMD
instructions. A hardware floating-point processor is integrated in the core for several
versions of the part.
The LPC408x/7x adds a specialized flash memory accelerator to accomplish optimal
performance when executing code from flash. The LPC408x/7x is targeted to operate at
up to 120 MHz CPU frequency.
The peripheral complement of the LPC408x/7x includes up to 512 kB of flash program
memory, up to 96 kB of SRAM data memory, up to 4032 byte of EEPROM data memory,
External Memory controller (EMC), LCD, Ethernet, USB Device/Host/OTG, an SPI Flash
Interface (SPIFI), a General Purpose DMA controller, five UARTs, three SSP controllers,
three I2C-bus interfaces, a Quadrature Encoder Interface, four general purpose timers,
two general purpose PWMs with six outputs each and one motor control PWM, an
ultra-low power RTC with separate battery supply and event recorder, a windowed
watchdog timer, a CRC calculation engine and up to 165 general purpose I/O pins.
The analog peripherals include one eight-channel 12-bit ADC, two analog comparators,
and a DAC.
The pinout of LPC408x/7x is intended to allow pin function compatibility with the
LPC24xx/23xx as well as the LPC178x/7x families.
For additional documentation, see Section 17 “References”.
Features and benefits
 Functional replacement for LPC23xx/24xx and LPC178x/7x family devices.
 ARM Cortex-M4 core:
 ARM Cortex-M4 processor, running at frequencies of up to 120 MHz.
 ARM Cortex-M4 built-in Memory Protection Unit (MPU) supporting eight regions.
 ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
Applications
 Communications:
 Point-of-sale terminals, web servers, multi-protocol bridges
 Industrial/Medical:
 Automation controllers, application control, robotics control, HVAC, PLC, inverters,
circuit breakers, medical scanning, security monitoring, motor drive, video intercom
 Consumer/Appliance:
 Audio, MP3 decoders, alarm systems, displays, printers, scanners, small
appliances, fitness equipment
 Automotive:
 After-market, car alarms, GPS/fleet monitors




Similar Part No. - LPC4088FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4088FBD208 NXP-LPC4088FBD208 Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC4088FBD208 NXP-LPC4088FBD208 Datasheet
4Mb / 942P
LPC408x/407x User manual
Rev. 1-13 September 2012
LPC4088FBD208 NXP-LPC4088FBD208 Datasheet
2Mb / 140P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 3 - 11 January 2017
LPC4088FBD208 NXP-LPC4088FBD208 Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash
14 November 2012
LPC4088FBD208 512 NXP-LPC4088FBD208 512 Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash
14 November 2012
More results


Similar Description - LPC4088FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC408X NXP-LPC408X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com