Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet (PDF) - NXP Semiconductors

LPC4370 Datasheet PDF - NXP Semiconductors
Part # LPC4370_V01
Download  LPC4370 Download
File Size   2939.57 Kbytes
Page   161 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 2 x M0 MCU

LPC4370 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC4370 Datasheet PDF - NXP Semiconductors

Part # LPC4370_V01
Download  LPC4370 Click to download

File Size   2939.57 Kbytes
Page   161 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4 2 x M0 MCU

LPC4370 Datasheet (HTML) - NXP Semiconductors


LPC4370 Product details

General description
The LPC4370 are ARM Cortex-M4 based microcontrollers for embedded applications
which include an ARM Cortex-M0 coprocessor and an ARM Cortex-M0 subsystem for
managing peripherals, 282 kB of SRAM, advanced configurable peripherals such as the
State Configurable Timer (SCTimer/PWM) and the Serial General Purpose I/O (SGPIO)
interface, two high-speed USB controllers, Ethernet, LCD, an external memory controller,
and multiple digital and analog peripherals, including a high-speed 12-bit ADC. The
LPC4370 operate at CPU frequencies of up to 204 MHz.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point processor is integrated in the core.
The LPC4370 include an application ARM Cortex-M0 coprocessor and a second ARM
Cortex-M0 subsystem for managing the SGPIO and SPI peripherals. The ARM Cortex-M0
core is an energy-efficient and easy-to-use 32-bit core which is code- and tool-compatible
with the Cortex-M4 core. Both Cortex-M0 cores offer up to 204 MHz performance with a
simple instruction set and reduced code size. In LPC43x0, the Cortex-M0 coprocessor
hardware multiply is implemented as a 32-cycle iterative multiplier.
Features and benefits
 Main Cortex-M4 processor
 ARM Cortex-M4 processor, running at frequencies of up to 204 MHz.
 ARM Cortex-M4 built-in Memory Protection Unit (MPU) supporting eight regions.
 ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
 Hardware floating-point unit.
 Non-maskable Interrupt (NMI) input.
 JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four watch
points.
 Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
 System tick timer.
 Cortex-M0 coprocessor
 ARM Cortex-M0 coprocessor capable of off-loading the main ARM Cortex-M4
processor.
Applications
 Motor control  Embedded audio applications
 Power management  Industrial automation
 White goods  e-metering
 RFID readers




Similar Part No. - LPC4370_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4370FET100 NXP-LPC4370FET100 Datasheet
2Mb / 150P
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC4370FET256 NXP-LPC4370FET256 Datasheet
2Mb / 150P
32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
More results


Similar Description - LPC4370_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Nuvoton Technology Corp...
MINI51 NUVOTON-MINI51 Datasheet
1Mb / 70P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com