Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC84X Datasheet (PDF) - NXP Semiconductors

LPC84X Datasheet PDF - NXP Semiconductors
Part # LPC84X_V01
Download  LPC84X Download
File Size   3974.33 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller

LPC84X Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC84X Datasheet PDF - NXP Semiconductors

Part # LPC84X_V01
Download  LPC84X Click to download

File Size   3974.33 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller

LPC84X Datasheet (HTML) - NXP Semiconductors


LPC84X Product details

General description
The LPC84x are an Arm Cortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 30 MHz. The LPC84x support up to 64 KB of flash memory and
16 KB of SRAM.
The peripheral complement of the LPC84x includes a CRC engine, four I2C-bus
interfaces, up to five USARTs, up to two SPI interfaces, Capacitive Touch Interface, one
multi-rate timer, self-wake-up timer, SCTimer/PWM, one general purpose 32-bit
counter/timer, a DMA, one 12-bit ADC, two 10-bit DACs, one analog comparator,
function-configurable I/O ports through a switch matrix, an input pattern match engine,
and up to 54 general-purpose I/O pins.
For additional documentation related to the LPC84x parts, see Section 18.
Features and benefits
 System:
 Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 30 MHz
with single-cycle multiplier and fast single-cycle I/O port.
 Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
 System tick timer.
 AHB multilayer matrix.
 Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
 Micro Trace Buffer (MTB).
 Memory:
 Up to 64 KB on-chip flash programming memory with 64 Byte page write and
erase.
 Fast Initialization Memory (FAIM) allowing the user to configure chip behavior on
power-up.
 Code Read Protection (CRP)
 Up to 16 KB SRAM consisting of two 8 KB contiguous SRAM banks. One 8 KB of
SRAM can be used for MTB.
 Bit-band addressing supported to permit atomic operations to modify a single bit.
 ROM API support:
 Boot loader.
 Supports Flash In-Application Programming (IAP).
Applications
 Sensor gateways  Simple motor control
 Industrial  Portables and wearables
 Gaming controllers  Lighting
 8/16-bit applications  Motor control
 Consumer  Fire and security applications
 Climate control




Similar Part No. - LPC84X_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
More results


Similar Description - LPC84X_V01

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com