Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC8N04 Datasheet (PDF) - NXP Semiconductors

LPC8N04 Datasheet PDF - NXP Semiconductors
Part # LPC8N04_V01
Download  LPC8N04 Download
File Size   1151.57 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller

LPC8N04 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC8N04 Datasheet PDF - NXP Semiconductors

Part # LPC8N04_V01
Download  LPC8N04 Click to download

File Size   1151.57 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller

LPC8N04 Datasheet (HTML) - NXP Semiconductors


LPC8N04 Product details

General description
The NXP LPC8N04 is an IC optimized for an entry level Cortex-M0+ MCU with built-in
NFC interface. LPC8N04 supports an effective system solution with a minimal number of
external components for NFC related applications.
The embedded ARM Cortex-M0+ offers flexibility to the users of this IC to implement their
own dedicated solution. The LPC8N04 contains multiple features, including multiple
power-down modes and a selectable CPU frequency of up to 8 MHz, for ultra-low power
consumption.
Users can program this LPC8N04 with the industry-wide standard solutions for ARM
Cortex-M0+ processors.
Features and benefits
 System
 ARM Cortex-M0+ processor running at frequencies of up to 8 MHz
 ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC)
 ARM Serial Wire Debug (SWD)
 System tick timer
 IC reset input
 Memory
 32 kB on-chip flash programming memory
 4 kB on-chip EEPROM of which 256 byte can be write protected
 8 kB SRAM
 Digital peripherals
 Up to 12 General Purpose Input Output (GPIO) pins with configurable
pull-up/pull-down resistors and repeater mode
 GPIO pins which can be used as edge and level sensitive interrupt sources
 High-current drivers/sinks (20 mA) on four GPIO pins
 High-current drivers/sinks (20 mA) on two I2C-bus pins
 Programmable WatchDog Timer (WDT)
 Analog peripherals
 Temperature sensor with 1.5 C absolute temperature accuracy between 40 C
and +85 C
 Communication interfaces
 NFC/RFID ISO 14443 type A interface
 I2C-bus interface supporting full I2C-bus specification and fast mode with a data
rate of 400 kbit/s, with multiple address recognition and monitor mode
 Energy harvesting functionality to power the LPC8N04.
 Clock generation
 8 MHz internal RC oscillator, trimmed to 2 % accuracy, which is used for the
system clock
 Timer oscillator operating at 32 kHz linked to the RTC timer unit
 Power control
 Support for 1.72 V to 3.6 V external voltages
 The LPC8N04 can also be powered from the NFC field
 Activation via NFC possible
 Integrated Power Management Unit (PMU) for versatile control of power
consumption
 Four reduced power modes for ARM Cortex-M0+: sleep, deep sleep, deep
power-down and battery off
 Power gating for each analog peripheral for ultra-low power operation
 < 50 nA IC current consumption in battery off mode at 3.0 V
 Power-On Reset (POR)
 Unique device serial number for identification
Applications
 Configurable LED strip/christmas tree LEDs via NFC
 Smart toy/interactive robot data logger
 Buttonless/contactless control panel
 Contactless diagnostic
 NFC e-locker
 Smart manufacturing
 NFC OTA




Similar Part No. - LPC8N04_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC8N04FHI24E NXP-LPC8N04FHI24E Datasheet
1Mb / 39P
Layerscape LS1012A Freeway
04/2018
More results


Similar Description - LPC8N04_V01

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com