Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet (PDF) - NXP Semiconductors

MPL3115A2 Datasheet PDF - NXP Semiconductors
Part # MPL3115A2_V01
Download  MPL3115A2 Download
File Size   1676.6 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C precision pressure sensor with altimetry

MPL3115A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPL3115A2 Datasheet PDF - NXP Semiconductors

Part # MPL3115A2_V01
Download  MPL3115A2 Click to download

File Size   1676.6 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C precision pressure sensor with altimetry

MPL3115A2 Datasheet (HTML) - NXP Semiconductors


MPL3115A2 Product details

General description
The MPL3115A2 is a compact, piezoresistive, absolute pressure sensor with an I2C
digital interface. MPL3115A2 has a wide operating range of 20 kPa to 110 kPa, a range
that covers all surface elevations on earth. The MEMS is temperature compensated
utilizing an on-chip temperature sensor. The pressure and temperature data is fed into
a high resolution ADC to provide fully compensated and digitized outputs for pressure
in Pascals and temperature in °C. The compensated pressure output can then be
converted to altitude, utilizing the formula stated in Section 9.1.3 "Pressure/altitude"
provided in meters.The internal processing in MPL3115A2 removes compensation and
unit conversion load from the system MCU, simplifying system design.
MPL3115A2's advanced ASIC has multiple user programmable modes such as power
saving, interrupt and autonomous data acquisition modes, including programmed
acquisition cycle timing, and poll-only modes. Typical active supply current is 40 μA per
measurement-second for a stable 10 cm output resolution.
Features and benefits
Operating range: 20 kPa to 110 kPa absolute pressure
Calibrated range: 50 kPa to 110 kPa absolute pressure
Calibrated temperature output: −40 °C to 85 °C
I2C digital output interface
Fully compensated internally
Precision ADC resulting in 0.1 meter of effective resolution
Direct reading
Pressure: 20-bit measurement (Pascals)
– 20 to 110 kPa
Altitude: 20-bit measurement (meters)
– –698 to 11,775 m
Temperature: 12-bit measurement (°C)
– –40 °C to 85 °C
• Programmable interrupts
• Autonomous data acquisition
– Embedded 32-sample FIFO
– Data logging up to 12 days using the FIFO
– One-second to nine-hour data acquisition rate
• 1.95 V to 3.6 V supply voltage, internally regulated
• 1.6 V to 3.6 V digital interface supply voltage
• Operating temperature from −40 °C to +85 °C
Applications
• High-accuracy altimetry and barometry
• Smartphones, tablets and wearable devices
• GPS applications: dead reckoning, map assist, navigation, enhancement for
emergency services
• Weather station equipment




Similar Part No. - MPL3115A2_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL3115A2R1 FREESCALE-MPL3115A2R1 Datasheet
374Kb / 44P
I2C Precision Altimeter
logo
NXP Semiconductors
MPL3115A2R1 NXP-MPL3115A2R1 Datasheet
991Kb / 50P
I2C precision pressure sensor with altimetry
Rev.5.1-13 September 2016
MPL3115A2S NXP-MPL3115A2S Datasheet
799Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.4 - 8 May 2023
MPL3115A2S NXP-MPL3115A2S Datasheet
707Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.5 - 29 September 2023
MPL3115A2ST1 NXP-MPL3115A2ST1 Datasheet
799Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.4 - 8 May 2023
More results


Similar Description - MPL3115A2_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1 ETC-ADP1 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
logo
NXP Semiconductors
FXPQ3115BVSDS NXP-FXPQ3115BVSDS Datasheet
523Kb / 14P
I2C precision pressure sensor with altimetry
Rev. 1-9 October 2017
MPL3115A2 NXP-MPL3115A2 Datasheet
991Kb / 50P
I2C precision pressure sensor with altimetry
Rev.5.1-13 September 2016
MPL3150A2 NXP-MPL3150A2 Datasheet
676Kb / 46P
I2C precision pressure sensor
FXPQ3115BVS NXP-FXPQ3115BVS Datasheet
707Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.3 - 8 May 2023
MPL3115A2S NXP-MPL3115A2S Datasheet
799Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.4 - 8 May 2023
MPL3150A2S NXP-MPL3150A2S Datasheet
754Kb / 46P
I2C precision pressure sensor
Rev. 1.3 - 8 May 2023
MPL3115A2S NXP-MPL3115A2S_V01 Datasheet
707Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.5 - 29 September 2023
MPL3150A2S NXP-MPL3150A2S_V01 Datasheet
665Kb / 46P
I2C precision pressure sensor
Rev. 1.4 - 29 September 2023
MPL3150A2 NXP-MPL3150A2_V01 Datasheet
665Kb / 46P
I2C precision pressure sensor
Rev. 4.1 - 29 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com