Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6730 Datasheet (PDF) - Analog Devices

MAX6730 Datasheet PDF - Analog Devices
Part # MAX6730
Download  MAX6730 Download
File Size   841.26 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output

MAX6730 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6730 Datasheet PDF - Analog Devices

Part # MAX6730
Download  MAX6730 Click to download

File Size   841.26 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output

MAX6730 Datasheet (HTML) - Analog Devices


MAX6730 Product details

Benefits and Features
●● VCC1 (Primary Supply) Reset Threshold Voltages
from +1.575V to +4.63V
●● VCC2 (Secondary Supply) Reset Threshold Voltages
from +0.79V to +3.08V
●● Adjustable RSTIN Threshold for Monitoring Voltages
Down to +0.63V (MAX6734/MAX6735 Only)
●● Six Reset Timeout Options
●● Watchdog Timer with Independent Watchdog Output
• 35s (min) Initial Watchdog Startup Period
• 1.12s (min) Normal Watchdog Timeout Period
●● Manual Reset Input
(MAX6730/MAX6731/MAX6734/MAX6735)
●● Guaranteed Reset Valid down to
VCC1 or VCC2 = +0.8V
●● Push-Pull RESET or Open-Drain RESET Output
●● Immune to Short VCC Transients
●● Low Supply Current: 14μA (typ) at +3.6V
●● Small 6-Pin and 8-Pin SOT23 Packages
●● AEC-Q100 Qualified: MAX6734KATGD3/V+T,
MAX6734KALTD3/V+T




Similar Part No. - MAX6730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730 MAXIM-MAX6730 Datasheet
205Kb / 15P
Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6730 MAXIM-MAX6730 Datasheet
181Kb / 15P
Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730AUT MAXIM-MAX6730AUT Datasheet
459Kb / 16P
Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
More results


Similar Description - MAX6730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6730 MAXIM-MAX6730_11 Datasheet
181Kb / 15P
Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 6; 11/11
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com