Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33887 Datasheet (PDF) - NXP Semiconductors

33887 Datasheet PDF - NXP Semiconductors
Part # 33887
Download  33887 Download
File Size   1013.99 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5.0 A H-Bridge with Load Current FeedbackORDERING

33887 Datasheet (PDF)

Go To PDF Page Download Datasheet
33887 Datasheet PDF - NXP Semiconductors

Part # 33887
Download  33887 Click to download

File Size   1013.99 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5.0 A H-Bridge with Load Current FeedbackORDERING

33887 Datasheet (HTML) - NXP Semiconductors


33887 Product details

Features
•Fully specified operation 5.0 V to 28 V
•Limited operation with reduced performance up to 40 V
•120 mΩ RDS(ON) Typical H-Bridge MOSFETs
•TTL/CMOS Compatible Inputs
•PWM Frequencies up to 10 kHz
•Active Current Limiting (Regulation)
•Fault Status Reporting
•Sleep Mode with Current Draw ≤50 μA (Inputs Floating or Set to Match Default Logic States)




Similar Part No. - 33887

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33887 MOTOROLA-33887 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
More results


Similar Description - 33887

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33886 FREESCALE-33886 Datasheet
570Kb / 25P
5.0 A H-Bridge
33887 FREESCALE-33887 Datasheet
856Kb / 37P
5.0 A H-Bridge with Load Current Feedback
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
5.0 A H-Bridge with Load Current Feedback
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
5.0 A H-Bridge
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
5.0 A H-Bridge with Load Current Feedback
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
Dual 5.0 A H-Bridge
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com