Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2404A-1WI Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C2404A-1WI Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C2404A-1WI
Download  PI6C2404A-1WI Download
File Size   241.36 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Zero-Delay Clock Buffer

PI6C2404A-1WI Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C2404A-1WI Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C2404A-1WI
Download  PI6C2404A-1WI Click to download

File Size   241.36 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Zero-Delay Clock Buffer

PI6C2404A-1WI Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C2404A-1WI Product details

Description
The PI6C2404A-1 is a PLL-based, zero-delay buffer, with the ability to distribute four outputs of up to 133 MHz at 3.3V. Two banks of two outputs exist, OUTA[1–2] and OUTB[1–2].
An external feedback pin is used to synchronize the outputs to the input; the relationship between loading of this signal and the other outputs determines the input-output delay.
The PI6C2404A-1 is characterized for both commercial and industrial operation.
   
Features
• Maximum rated frequency: 133 MHz
• Low cycle-to-cycle jitter
• Input to output delay, less than 200ps
• External feedback pin allows outputs to be synchronized to the clock input
• 5V tolerant input*
• Operates at 3.3V VDD
• Test mode allows bypass of the PLL for system testing purposes (e.g., IBIS measurements)
• Space-saving Packaging (Pb-free and Green Available):
    — 8-pin, 150-mil SOIC (W)
   




Similar Part No. - PI6C2404A-1WI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
More results


Similar Description - PI6C2404A-1WI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com