Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

596-2326-002F Datasheet (PDF) - Dialight Corporation

596-2326-002F Datasheet PDF - Dialight Corporation
Part # 596-2326-002F
Download  596-2326-002F Download
File Size   396.63 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 1.6mm Round Lens, 20 mA and 2 mA

596-2326-002F Datasheet (PDF)

Go To PDF Page Download Datasheet
596-2326-002F Datasheet PDF - Dialight Corporation

Part # 596-2326-002F
Download  596-2326-002F Click to download

File Size   396.63 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 1.6mm Round Lens, 20 mA and 2 mA

596-2326-002F Datasheet (HTML) - Dialight Corporation


596-2326-002F Product details

Features & Benefits
•Compatible with automatic placement equipment.
•Packaged in 16 mm tape, 13" reel (500 pcs/reel)
and 10 piece sample strips.
•Compatible with surface mount reflow soldering processes.
•Housing material meets UL-94V-0 flammability ratings.
•Design provides increased indication without increased space
•Helps eliminate mixed technology PC board processing..
•Packaged in moisture barrier bags for dry packaging per IPC/JEDEC J-STD-033, MSL2 for 2 mA, MSL3 for 20 mA




Similar Part No. - 596-2326-002F

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
596-23320 HELLERMANNTYTON-596-23320 Datasheet
1Mb / 41P
Wire and Cable Markers
596-23896 HELLERMANNTYTON-596-23896 Datasheet
1Mb / 41P
Wire and Cable Markers
More results


Similar Description - 596-2326-002F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
PHOENIX CONTACT
2742748 PHOENIX-2742748 Datasheet
201Kb / 6P
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
logo
WAGO Kontakttechnik Gmb...
753-554 WAGO-753-554 Datasheet
577Kb / 12P
2-channel analog output; 4 ??20 mA
750-554 WAGO-750-554 Datasheet
550Kb / 12P
2-channel analog output; 4 ??20 mA
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
753-552 WAGO-753-552 Datasheet
570Kb / 12P
2-channel analog output; 0 ??20 mA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com