Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

093-0019 Datasheet (PDF) - Multicomp Pro

093-0019 Datasheet PDF - Multicomp Pro
Part # 093-0019
Download  093-0019 Download
File Size   403.65 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Wrist Strap and Footwear Tester

093-0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
093-0019 Datasheet PDF - Multicomp Pro

Part # 093-0019
Download  093-0019 Click to download

File Size   403.65 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Wrist Strap and Footwear Tester

093-0019 Datasheet (HTML) - Multicomp Pro


093-0019 Product details

[Description]
Part tester A
Portable instrument for checking the continuity of fitted wrist-strap and cord. The unit has a banana socket and 10mm stud.
Standard Wrist-Strap Tester has a single test range 0.75 meg-ohm to 35 meg-ohm (other resistance ranges available on
request). A 9V battery is required. The instrument has a green light for pass (i.e. resistance between 0.75 meg-ohm and 35
meg-ohm) and 2 red lights which indicate either high resistance fail or low resistance fail. A buzzer sounds in any fail situation.
Very easy to use.
Part tester B
Wall mounted unit for checking the continuity of fitted wrist-strap and cord. The Part B unit is supplied with the Part A meter, wall
mounting board, 6 inch cord (0 meg ohm) and 9V battery. Manufactured in the United Kingdom.
Part tester C
Wall mounted unit for checking the continuity of fitted wrist-straps and cords, fitted shoes, heel straps or toe grounders.
Supplied with Part A test meter, wall mounting board, 6 inch cord (0 meg ohm), 6ft cord (0 meg ohm), footplate and 9V battery.
Manufactured in the United Kingdom.




Similar Part No. - 093-0019

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
093-0005 MULTICOMP-093-0005 Datasheet
342Kb / 1P
Surface Resistance Meter 9V
23/06/22
More results


Similar Description - 093-0019

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6082 POMONA-6082 Datasheet
23Kb / 1P
Elastic Wrist Strap With Clip & Cord
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
List of Unclassifed Man...
98132 ETC-98132 Datasheet
405Kb / 3P
AC Outlet Analyzer and Wrist Strap Tester Installation, Operation and Maintenance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com