Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP3-1M Datasheet (PDF) - Multicomp Pro

ATP3-1M Datasheet PDF - Multicomp Pro
Part # ATP3-1M
Download  ATP3-1M Download
File Size   447.36 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Converter Frequency to Voltage

ATP3-1M Datasheet (PDF)

Go To PDF Page Download Datasheet
ATP3-1M Datasheet PDF - Multicomp Pro

Part # ATP3-1M
Download  ATP3-1M Click to download

File Size   447.36 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Converter Frequency to Voltage

ATP3-1M Datasheet (HTML) - Multicomp Pro


ATP3-1M Product details

[Features]
• Easy to use
• Max Full Scale: 100kHz @ 10V Out
• Min Full Scale: 10Hz @ 10V Out
• Matched to many Input Devices
• Hysteresis on Inputs
• One Capacitor to set Full Scale
• Three Capacitors to set Filtering
• Three Status LED’s
• Over Range Output
• Excellent Linearity
• 10V Industry Standard Output
• Mains 110/115v or 230/240V
• DC Powered, 12V to 24V

[Applications]
• Shaft Speed Control
• Conveyor Speed Control
• Closed loop Control Systems
• Monitoring and Speedometers
• Frequency to Voltage Conversion
• In Automobile R&D
• In Mining
• In Ship Building
• In Paper Making
Electrical Characteristics - Signal Inputs
Parameter PNP NPN VR
Input Frequency - max f 100kHz 100kHz 100kHz
(in)(max)
Input Voltage - max V 50V @ <5mA 50V @ 0mA 28V
(in)(max)
Input Voltage - Rising Trigger Point V 8.5V @ <0.5mA 1.5V @ <-1.6mA 40mV Max
(in+)
Input Voltage - Falling Trigger Point V 7.5V @ <0.5mA 1.1V @ <-1.6mA -40mV Min
(in-)
Input Voltage - Hysteresis V 1V 0.4V 80mV
(in)(hyst)
Input Voltage - min V -50V @ 0mA -0.6V @ <-2mA -28V
(in)(min)
www.element14.com
www.farnell.com
www.newark.com




Similar Part No. - ATP3-1M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP301 SANYO-ATP301 Datasheet
277Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP301 ONSEMI-ATP301 Datasheet
359Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP301-TL-H SANYO-ATP301-TL-H Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP301-TL-H ONSEMI-ATP301-TL-H Datasheet
359Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP301 SANYO-ATP301_12 Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ATP3-1M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com