Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPLBA08 Datasheet (PDF) - Panasonic Semiconductor

EVQPLBA08 Datasheet PDF - Panasonic Semiconductor
Part # EVQPLBA08
Download  EVQPLBA08 Download
File Size   150.93 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.9 mm Square SMD Light Touch Switches

EVQPLBA08 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVQPLBA08 Datasheet PDF - Panasonic Semiconductor

Part # EVQPLBA08
Download  EVQPLBA08 Click to download

File Size   150.93 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.9 mm Square SMD Light Touch Switches

EVQPLBA08 Datasheet (HTML) - Panasonic Semiconductor


EVQPLBA08 Product details

■ Features
● External dimensions : 4.9 mm×4.9 mm,
Height: 0.8 mm(Without push plate), 1.5 mm(With push plate)

■ Recommended Applications
● Operation switches for portable electronic equipment
(Notebook PC, Camcorders, Portable audio players, etc.)
● Operation switches for car audio systems




Similar Part No. - EVQPLBA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPLBA08 PANASONIC-EVQPLBA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLBA08 PANASONIC-EVQPLBA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLBA08 PANASONIC-EVQPLBA08 Datasheet
89Kb / 3P
Light Touch Switches
More results


Similar Description - EVQPLBA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-PLDA15 PANASONIC-EVQ-PLDA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com